Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5164ASH Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH5164ASH
Description  CMOS 64K (8K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164ASH Datasheet(HTML) 4 Page - Sharp Corporation

  LH5164ASH Datasheet HTML 1Page - Sharp Corporation LH5164ASH Datasheet HTML 2Page - Sharp Corporation LH5164ASH Datasheet HTML 3Page - Sharp Corporation LH5164ASH Datasheet HTML 4Page - Sharp Corporation LH5164ASH Datasheet HTML 5Page - Sharp Corporation LH5164ASH Datasheet HTML 6Page - Sharp Corporation LH5164ASH Datasheet HTML 7Page - Sharp Corporation LH5164ASH Datasheet HTML 8Page - Sharp Corporation LH5164ASH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AC CHARACTERISTICS
(1) READ CYCLE (TA = -40 to +85
°C, VCC = 2.5 to 5.5 V)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Read cycle time
tRC
500
ns
Address access time
tAA
500
ns
Chip enable
access time
(CE1)tACE1
500
ns
(CE2)tACE2
500
ns
Output enable access time
tOE
200
ns
Output hold time
tOH
10
ns
Chip enable to
output in Low-Z
(CE1)tLZ1
20
ns
(CE2)tLZ2
20
ns
Output enable to output in Low-Z
tOLZ
10
ns
Chip enable to
output in High-Z
(CE1)tHZ1
060
ns
(CE2)tHZ2
060
ns
Output disable to output in High-Z
tOHZ
040
ns
(2) WRITE CYCLE (TA = -40 to +85
°C, VCC = 2.5 to 5.5 V)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Write cycle time
tWC
500
ns
Chip enable to end of write
tCW
250
ns
Address valid to end of write
tAW
250
ns
Address setup time
tAS
100
ns
Write pulse width
tWP
150
ns
Write recovery time
tWR
50
ns
Data valid to end of write
tDW
100
ns
Data hold time
tDH
0ns
Output active from end of write
tOW
20
ns
WE to output in High-Z
tWZ
060
ns
OE to output in High-Z
tOHZ
040
ns
NOTE:
1.
Active output to high-impedance and high-impedance to output
active tests specified for a
±200 mV transition
from steady state levels into the test load.
AC TEST CONDITIONS
PARAMETER
MODE
NOTE
Input voltage amplitude
0 to VCC
Input rise/fall time
10 ns
Timing reference level
1.5 V
Output load conditions
CL (100 pF)
1
NOTE:
1.
Includes scope and jig capacitance.
CAPACITANCE (TA = 25°C, f = 1MHz)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input capacitance
CIN
VIN = 0 V
7
pF
Input/output capacitance
CI/O
VI/O = 0 V
10
pF
NOTE:
This parameter is sampled and not production tested.
LH5164ASH
CMOS 64K (8K
× 8) Static RAM
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com