Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9092ACNE3 Datasheet(PDF) 57 Page - Gennum Corporation

Part # GS9092ACNE3
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092ACNE3 Datasheet(HTML) 57 Page - Gennum Corporation

Back Button GS9092ACNE3 Datasheet HTML 53Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 54Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 55Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 56Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 57Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 58Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 59Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 60Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 61Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
57 of 63
3.14 JTAG Operation
When the JTAG/HOST pin is set HIGH by the application layer, the host interface port
(as described in GSPI Host Interface on page 53) will be configured for JTAG test
operation. In this mode, pins 16, 17, 19, and 20 become TMS, TCK, TDO, and TDI
respectively. In addition, the RESET pin will operate as the test reset pin, as well as
resetting the internal registers.
Boundary scan testing using the JTAG interface will be possible in this mode.
There are two methods in which JTAG can be used on the GS9092A:
1. As a stand-alone JTAG interface to be used at in-circuit ATE (Automatic Test
Equipment) during PCB assembly; or
2. Under control of the host for applications such as system power self tests.
When the JTAG tests are applied by ATE, care must be taken to disable any other devices
driving the digital I/O pins. If the tests are to be applied only at ATE, this can be
accomplished with tri-state buffers used in conjunction with the JTAG/HOST input
signal. This is shown in Figure 3-17.
Alternatively, if the test capabilities are to be used in the system, the host may still
control the JTAG/HOST input signal, but some means for tri-stating the host must exist
in order to use the interface at ATE. This is represented in Figure 3-18.
Figure 3-17: In-Circuit JTAG
Figure 3-18: System JTAG
Application HOST
GS9092A
CS_TMS
SCLK_TCK
SDIN_TDI
SDOUT_TDO
JTAG_EN
In-circuit ATE probe
Application HOST
GS9092A
CS_TMS
SCLK_TCK
SDIN_TDI
SDOUT_TDO
JTAG_EN
In-circuit ATE probe
Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com