Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9092ACNE3 Datasheet(PDF) 28 Page - Gennum Corporation

Part # GS9092ACNE3
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092ACNE3 Datasheet(HTML) 28 Page - Gennum Corporation

Back Button GS9092ACNE3 Datasheet HTML 24Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 25Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 26Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 27Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 28Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 29Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 30Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 31Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 32Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
28 of 63
box A of Figure 3-6). When the FIFO_EMPTY flag goes HIGH, the device will insert K28.5
stuffing data bytes.
To allow larger K28.5 packet sizes to be inserted, a write pointer offset can be
programmed into the FIFO_EMPTY_OFFSET[9:0] register of the host interface. If an
offset value is programmed in this register, the FIFO_EMPTY flag is set HIGH when the
read and write pointers of the FIFO are at the same address, and will remain HIGH until
the write pointer reaches the programmed offset. While the FIFO_EMPTY flag is HIGH,
the device will continue to insert stuffing characters. Once the pointer offset has been
exceeded, the FIFO_EMPTY flag will go LOW and the device will begin reading MPEG
data out of the FIFO (see box B of Figure 3-6).
In the case where the read pointer is originally ahead of the write pointer, the
FIFO_FULL flag will be set HIGH when both pointers arrive at the same address (see box
C of Figure 3-6). The application layer can use this flag to determine when to write to the
device.
A read and write pointer offset may also be programmed in the FIFO_FULL_OFFSET[9:0]
register of the host interface. If an offset value is programmed in this register, the
FIFO_FULL flag will be set HIGH when the read and write pointers of the FIFO are at the
same address, and will remain set HIGH until the read pointer reaches the programmed
offset. Once the pointer offset has been exceeded, the FIFO_FULL flag will be cleared
(see box D of Figure 3-6).
NOTE: When the FIFO is configured for DVB-ASI mode, the INSSYNCIN pin is unused,
as synchronization characters are inserted based on the FIFO status flags. The pin
should be grounded. When the internal FIFO is bypassed in DVB-ASI mode, the
INSSYNCIN input assumes normal operation as described in Control Signal Inputs on
page 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com