Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9092ACNE3 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9092ACNE3
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092ACNE3 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9092ACNE3 Datasheet HTML 2Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 3Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 4Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 5Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 6Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 7Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 8Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 9Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
6 of 63
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin Number
Name
Timing
Type
Description
1LF-
Analog
Input
Loop filter component connection. Connect to LF+ through a
capacitor. See Typical Application Circuit on page 59.
2
PLL_GND
Analog
Input
Power
Ground connection for phase-locked loop. Connect to GND.
3
PLL_VDD
Analog
Input
Power
Power supply connection for phase-locked loop. Connect to +1.8V
DC.
4
CD_VDD
Analog
Input
Power
Power supply connection for serial digital cable driver. Connect to
+1.8V DC
5, 6SDO, SDO
Analog
Output
Serial digital differential output pair.
NOTE: these output signals will be forced into a mute state if RESET
is LOW.
7
CD_GND
Analog
Input
Power
Ground connection for serial digital cable driver. Connect to GND.
8NC
––
No connect.
9RSET
Analog
Input
An external 1% resistor connected between this input and CD_VDD
is used to set the SDO / SDO output amplitude.
10
VBG
Analog
Input
Bandgap filter capacitor. Connect as shown in the Typical
Application Circuit on page 59
11
SDO_EN
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible
Used to enable or disable the serial digital output.
When set LOW by the application layer, the serial digital output
signals SDO and SDO are muted.
When set HIGH by the application layer, the serial digital output
signals are enabled.
SDO and SDO outputs will also be high impedance when the RESET
pin is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com