Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9092ACNE3 Datasheet(PDF) 41 Page - Gennum Corporation

Part # GS9092ACNE3
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092ACNE3 Datasheet(HTML) 41 Page - Gennum Corporation

Back Button GS9092ACNE3 Datasheet HTML 37Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 38Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 39Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 40Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 41Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 42Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 43Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 44Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 45Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
41 of 63
3.7.3.2 Illegal Code Remapping
If the ILLEGAL_REMAP bit of the IOPROC_DISABLE register is set LOW, the GS9092A
will remap all codes within the active picture between the values of 3FCh and 3FFh to
3FBh. All codes within the active picture area between the values of 000h and 003h will
be remapped to 004h.
In addition, 8-bit TRS and ancillary data preambles will be remapped to 10-bit values if
this feature is enabled.
NOTE: The EDH block always remaps EDH packet headers regardless of the
ILLEGAL_REMAP setting.
3.7.3.3 EDH Generation and Insertion
If the EDH_CRC_INS bit of the IOPROC_DISABLE register is set LOW, the GS9092A may
be configured to generate and insert complete EDH packets into the data stream, or
update the CRC bits of existing EDH packets.
Generation and Insertion of New EDH Packets
When EDH_CRC_UPDATE is set LOW (bit 11 of address 04h), the GS9092A will generate
all of the required EDH packet data including all ancillary data preambles (DID, DBN,
VIDEO_FORMAT_A
Address: 0Fh
15-8
SMPTE 352M
Byte 2
SMPTE 352M Byte 2 information must be
programmed in this register when 352M_INS is LOW
and 352M_CALC is HIGH.
R/W
0
7-0
SMPTE 352M
Byte 1
SMPTE 352M Byte 1 information must be
programmed in this register when 352M_INS is LOW
and 352M_CALC is HIGH.
R/W
0
Table 3-5: Host Interface Description for SMPTE 352M Payload Identifier Registers
Register Name
Bit
Name
Description
R/W
Default
Table 3-6: Host Interface Description for SMPTE 352M Packet Line Number Insertion Registers
Register Name
Bit
Name
Description
R/W
Default
352M_LINE_1
Address: 26h
15-11
–
NotUsed
––
10-0
352M_LINE_1 [10:0]
Line number where SMPTE352M packet is inserted
in field 1. If the 352M_CALC bit is HIGH, and both
352M_LINE1 and 352M_LINE2 are set to zero, then
no packets will be inserted.
R/W
0
352M_LINE_2
Address: 27h
15-11
–
NotUsed
––
10-0
352M_LINE_2 [10:0]
Line number where SMPTE352M packet is inserted
in field 2. If the 352M_CALC bit is HIGH, and both
352M_LINE1 and 352M_LINE2 are set to zero, then
no packets will be inserted.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com