Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9092ACNE3 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9092ACNE3
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092ACNE3 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9092ACNE3 Datasheet HTML 5Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 6Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 7Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 8Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 9Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 10Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 11Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 12Page - Gennum Corporation GS9092ACNE3 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
9 of 63
23, 25, 26STAT[2:0]
Synchronous
with PCLK or
WR_CLK
Input/
Output
MULTI FUNCTION I/O PORT
Signal levels are LVCMOS / LVTTL compatible.
Programmable multi-function I/O. By programming the bits in the
IO_CONFIG register, each pin can act as an output for one of the
following signals:
•H
•V
•F
• FIFO_FULL
• FIFO_EMPTY
Each pin may also act as an input for an external H, V, or F signal if
the DETECT_TRS pin is set LOW by the application layer
These pins are set to certain default values depending on the
configuration of the device and the internal FIFO mode selected.
See Programmable Multi-function I/O on page 51 for details.
24, 28, 42
IO_GND
Non
Synchronous
Input
Power
Ground connection for digital I/O. Connect to GND.
30
WR_CLK
Input
FIFO WRITE CLOCK
Signal levels are LVCMOS / LVTTL compatible.
The application layer clocks the parallel data into the device on the
rising edge of WR_CLK when the internal FIFO is configured for
video mode or DVB-ASI mode.
NOTE: If this pin is unused it should be pulled up to GND.
31
WR_RESET
Synchronous
with
WR_CLK
Input
FIFO WRITE RESET
Signal levels are LVCMOS / LVTTL compatible.
Valid input only when the device is in SMPTE mode (SMPTE_BYPASS
= HIGH, DVB-ASI = LOW) and the internal FIFO is configured for
video mode (Video Mode on page 26).
A HIGH to LOW transition will reset the FIFO write pointer to
address zero of the memory.
NOTE: If this pin is unused it should be pulled up to GND.
32 - 41
DIN[9:0]
Synchronous
with
WR_CLK
or PCLK
Input
PARALLEL VIDEO DATA BUS
Signal levels are LVCMOS / LVTTL compatible.
When the internal FIFO is enabled and configured for either video
mode or DVB-ASI mode, parallel data will be clocked into the
device on the rising edge of WR_CLK.
When the internal FIFO is in bypass mode, parallel data will be
clocked into the device on the rising edge of PCLK.
DIN9 is the MSB and DIN0 is the LSB.
44
PCLK
Input
PIXEL CLOCK INPUT
Signal levels are LVCMOS / LVTTL compatible.
27MHz parallel clock input.
46
RSV
–
–
Reserved. Do Not Connect.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com