Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CLZPIP Datasheet(PDF) 33 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 33 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 29Page - Winbond W25Q16CLZPIP Datasheet HTML 30Page - Winbond W25Q16CLZPIP Datasheet HTML 31Page - Winbond W25Q16CLZPIP Datasheet HTML 32Page - Winbond W25Q16CLZPIP Datasheet HTML 33Page - Winbond W25Q16CLZPIP Datasheet HTML 34Page - Winbond W25Q16CLZPIP Datasheet HTML 35Page - Winbond W25Q16CLZPIP Datasheet HTML 36Page - Winbond W25Q16CLZPIP Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 33 -
Preliminary - Revision A
Figure 14b. Fast Read Quad I/O Instruction Sequence (Previous instruction set M5-4 = 10)
Fast Read Quad I/O with “8/16/32/64-Byte Wrap Around”
The Fast Read Quad I/O instruction can also be used to access a specific portion within a page by
issuing a “Set Burst with Wrap” command prior to EBh. The “Set Burst with Wrap” command can either
enable or disable the “Wrap Around” feature for the following EBh commands. When “Wrap Around” is
enabled, the data being accessed can be limited to either a 8, 16, 32 or 64-byte section of a 256-byte
page. The output data starts at the initial address specified in the instruction, once it reaches the ending
boundary of the 8/16/32/64-byte section, the output will wrap around to the beginning boundary
automatically until /CS is pulled high to terminate the command.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then
fill the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read
commands.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is used to
enable or disable the “Wrap Around” operation while W6-5 are used to specify the length of the wrap
around section within a page. See 11.2.18 for detail descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com