Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CLZPIP Datasheet(PDF) 56 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 56 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 52Page - Winbond W25Q16CLZPIP Datasheet HTML 53Page - Winbond W25Q16CLZPIP Datasheet HTML 54Page - Winbond W25Q16CLZPIP Datasheet HTML 55Page - Winbond W25Q16CLZPIP Datasheet HTML 56Page - Winbond W25Q16CLZPIP Datasheet HTML 57Page - Winbond W25Q16CLZPIP Datasheet HTML 58Page - Winbond W25Q16CLZPIP Datasheet HTML 59Page - Winbond W25Q16CLZPIP Datasheet HTML 60Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
W25Q16CL
- 56 -
11.2.36 Read SFDP Register (5Ah)
The W25Q16CL features a 256-Byte Serial Flash Discoverable Parameter (SFDP) register that contains
information about devices operational capability such as available commands, timing and other features.
The SFDP parameters are stored in one or more Parameter Identification (PID) tables. Currently only one
PID table is specified but more may be added in the future. The Read SFDP Register instruction is
compatible with the SFDP standard initially established in 2010 for PC and other applications. Most
Winbond SpiFlash Memories shipped after June 2010 (date code 1023 and beyond) support the SFDP
feature as specified in the applicable datasheet.
The Read SFDP instruction is initiated by driving the /CS pin low and shifting the instruction code “5Ah”
followed by a 24-bit address (A23-A0)
(1) into the DI pin. Eight “dummy” clocks are also required before the
SFDP register contents are shifted out on the falling edge of the 40
th CLK with most significant bit (MSB)
first as shown in figure 34. For SFDP register values and descriptions, refer to the following SFDP
Definition table.
Note: 1. A23-A8 = 0; A7-A0 are used to define the starting byte address for the 256-Byte SFDP Register.
Instruction (5Ah)
Instruction (5Ah)
Figure 34. Read SFDP Register Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com