Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CLZPIP Datasheet(PDF) 19 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 19 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 15Page - Winbond W25Q16CLZPIP Datasheet HTML 16Page - Winbond W25Q16CLZPIP Datasheet HTML 17Page - Winbond W25Q16CLZPIP Datasheet HTML 18Page - Winbond W25Q16CLZPIP Datasheet HTML 19Page - Winbond W25Q16CLZPIP Datasheet HTML 20Page - Winbond W25Q16CLZPIP Datasheet HTML 21Page - Winbond W25Q16CLZPIP Datasheet HTML 22Page - Winbond W25Q16CLZPIP Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 19 -
Preliminary - Revision A
11.2.2 Instruction Set Table 1 (Erase, Program Instructions)(1)
INSTRUCTION NAME
BYTE 1
(CODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Write Enable
06h
Write Enable for Volatile
Status Register
50h
Write Disable
04h
Read Status Register-1
05h
(S7–S0)
(2)
Read Status Register-2
35h
(S15-S8)
(2)
Write Status Register
01h
(S7–S0)
(S15-S8)
Page Program
02h
A23–A16
A15–A8
A7–A0
(D7–D0)
Quad Page Program
32h
A23–A16
A15–A8
A7–A0
(D7–D0, …)
(3)
Sector Erase (4KB)
20h
A23–A16
A15–A8
A7–A0
Block Erase (32KB)
52h
A23–A16
A15–A8
A7–A0
Block Erase (64KB)
D8h
A23–A16
A15–A8
A7–A0
Chip Erase
C7h/60h
Erase / Program Suspend
75h
Erase / Program Resume
7Ah
Power-down
B9h
Continuous Read Mode
Reset
(4)
FFh
FFh
Notes:
1.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “()” indicate data being
read from the device on the DO pin.
2.
The Status Register contents will repeat continuously until /CS terminates the instruction.
3.
Quad Page Program Input Data:
IO0 = (D4, D0, ……)
IO1 = (D5, D1, ……)
IO2 = (D6, D2, ……)
IO3 = (D7, D3, ……)
4.
This instruction is recommended when using the Dual or Quad “Continuous Read Mode” feature. See section
11.2.19 & 11.2.20 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com