Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CLZPIP Datasheet(PDF) 3 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 3 Page - Winbond

  W25Q16CLZPIP Datasheet HTML 1Page - Winbond W25Q16CLZPIP Datasheet HTML 2Page - Winbond W25Q16CLZPIP Datasheet HTML 3Page - Winbond W25Q16CLZPIP Datasheet HTML 4Page - Winbond W25Q16CLZPIP Datasheet HTML 5Page - Winbond W25Q16CLZPIP Datasheet HTML 6Page - Winbond W25Q16CLZPIP Datasheet HTML 7Page - Winbond W25Q16CLZPIP Datasheet HTML 8Page - Winbond W25Q16CLZPIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
W25Q16CL
11.1.12
Status Register Memory Protection (CMP = 1).................................................................17
Publication Release Date: July 08, 2010
- 3 -
Preliminary - Revision A
11.2
INSTRUCTIONS................................................................................................................. 18
11.2.1
Manufacturer and Device Identification ..............................................................................18
11.2.2
Instruction Set Table 1 (Erase, Program Instructions) ........................................................19
11.2.3
Instruction Set Table 2 (Read Instructions) ........................................................................20
11.2.4
Instruction Set Table 3 (ID, Security Instructions)...............................................................21
11.2.5
Write Enable (06h)..............................................................................................................22
11.2.6
Write Enable for Volatile Status Register (50h) ..................................................................22
11.2.7
Write Disable (04h).............................................................................................................23
11.2.8
Read Status Register-1 (05h) and Read Status Register-2 (35h).......................................24
11.2.9
Write Status Register (01h) ................................................................................................24
11.2.10
Read Data (03h) ...............................................................................................................26
11.2.11
Fast Read (0Bh) ...............................................................................................................27
11.2.12
Fast Read Dual Output (3Bh) ...........................................................................................28
11.2.13
Fast Read Quad Output (6Bh)..........................................................................................29
11.2.14
Fast Read Dual I/O (BBh).................................................................................................30
11.2.15
Fast Read Quad I/O (EBh) ...............................................................................................32
11.2.16
Word Read Quad I/O (E7h) ..............................................................................................34
11.2.17
Octal Word Read Quad I/O (E3h).....................................................................................36
11.2.18
Set Burst with Wrap (77h).................................................................................................38
11.2.19
Continuous Read Mode Bits (M7-0) .................................................................................39
11.2.20
Continuous Read Mode Reset (FFh or FFFFh) ................................................................39
11.2.21
Page Program (02h) .........................................................................................................40
11.2.22
Quad Input Page Program (32h) ......................................................................................41
11.2.23
Sector Erase (20h) ...........................................................................................................42
11.2.24
32KB Block Erase (52h) ...................................................................................................43
11.2.25
64KB Block Erase (D8h)...................................................................................................44
11.2.26
Chip Erase (C7h / 60h).....................................................................................................45
11.2.27
Erase / Program Suspend (75h) .......................................................................................46
11.2.28
Erase / Program Resume (7Ah) .......................................................................................47
11.2.29
Power-down (B9h) ............................................................................................................48
11.2.30
Release Power-down / Device ID (ABh) ...........................................................................49
11.2.31
Read Manufacturer / Device ID (90h) ...............................................................................51
11.2.32
Read Manufacturer / Device ID Dual I/O (92h).................................................................52
11.2.33
Read Manufacturer / Device ID Quad I/O (94h)................................................................53
11.2.34
Read Unique ID Number (4Bh).........................................................................................54
11.2.35
Read JEDEC ID (9Fh) ......................................................................................................55
11.2.36
Read SFDP Register (5Ah) ..............................................................................................56
11.2.37
Erase Security Registers (44h).........................................................................................59
11.2.38
Program Security Registers (42h) ....................................................................................60
11.2.39
Read Security Registers (48h)..........................................................................................61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com