Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CLZPIP Datasheet(PDF) 75 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 75 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 69Page - Winbond W25Q16CLZPIP Datasheet HTML 70Page - Winbond W25Q16CLZPIP Datasheet HTML 71Page - Winbond W25Q16CLZPIP Datasheet HTML 72Page - Winbond W25Q16CLZPIP Datasheet HTML 73Page - Winbond W25Q16CLZPIP Datasheet HTML 74Page - Winbond W25Q16CLZPIP Datasheet HTML 75Page - Winbond W25Q16CLZPIP Datasheet HTML 76Page - Winbond W25Q16CLZPIP Datasheet HTML 77Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 75 -
Preliminary - Revision A
14. ORDERING INFORMATION
W(1) 25Q 16C L xx(2)
W = Winbond
25Q = SpiFlash Serial Flash Memory with 4KB sectors, Dual/Quad I/O
16C = 16M-bit
L = 2.3V to 3.6V
SN = 8-pin SOIC 150-mil
ZP = 8-pad WSON 6x5mm
SF = 16-pin SOIC 300-mil
SS = 8-pin SOIC 208-mil
DA = 8-pin PDIP 300-mil
I = Industrial (-40°C to +85°C)
(3,4)
G =
Green Package (Lead-free, RoHS Compliant, Halogen-free (TBBA), Antimony-Oxide-free Sb2O3)
P
=
Green Package with Status Register Power-Down & OTP enabled
Notes:
1. The “W” prefix is not included on the part marking.
2. Only the 2
nd letter is used for the part marking; WSON package type ZP is not used for the part marking.
3. Standard bulk shipments are in Tube (shape E). Please specify alternate packing method, such as Tape and
Reel (shape T) or Tray (shape S), when placing orders.
4. For shipments with OTP feature enabled, please specify when placing orders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com