Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16CLZPIP Datasheet(PDF) 34 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 34 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 30Page - Winbond W25Q16CLZPIP Datasheet HTML 31Page - Winbond W25Q16CLZPIP Datasheet HTML 32Page - Winbond W25Q16CLZPIP Datasheet HTML 33Page - Winbond W25Q16CLZPIP Datasheet HTML 34Page - Winbond W25Q16CLZPIP Datasheet HTML 35Page - Winbond W25Q16CLZPIP Datasheet HTML 36Page - Winbond W25Q16CLZPIP Datasheet HTML 37Page - Winbond W25Q16CLZPIP Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
W25Q16CL
- 34 -
11.2.16 Word Read Quad I/O (E7h)
The Word Read Quad I/O (E7h) instruction is similar to the Fast Read Quad I/O (EBh) instruction except
that the lowest Address bit (A0) must equal 0 and only two Dummy clock are required prior to the data
output. The Quad I/O dramatically reduces instruction overhead allowing faster random access for code
execution (XIP) directly from the Quad SPI. The Quad Enable bit (QE) of Status Register-2 must be set to
enable the Word Read Quad I/O Instruction.
Word Read Quad I/O with “Continuous Read Mode”
The Word Read Quad I/O instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in figure 15a. The
upper nibble of the (M7-4) controls the length of the next Fast Read Quad I/O instruction through the
inclusion or exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don’t care
(“x”). However, the IO pins should be high-impedance prior to the falling edge of the first data out clock.
If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Quad I/O instruction (after /CS
is raised and then lowered) does not require the E7h instruction code, as shown in figure 15b. This
reduces the instruction sequence by eight clocks and allows the Read address to be immediately entered
after /CS is asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next
instruction (after /CS is raised and then lowered) requires the first byte instruction code, thus returning to
normal operation. A “Continuous Read Mode” Reset instruction can also be used to reset (M7-0) before
issuing normal instructions (See 11.2.20 for detail descriptions).
Instruction (E7h)
Byte 1
Byte 2
Byte 3
40
40
40
51
51
51
62
62
62
73
73
73
Instruction (E7h)
Byte 1
Byte 2
Byte 3
40
40
40
40
40
40
51
51
51
51
51
51
62
62
62
62
62
62
73
73
73
73
73
73
Figure 15a. Word Read Quad I/O Instruction Sequence (Initial instruction or previous M5-4
≠ 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com