Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3903 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 26Page - Microchip Technology MCP3903 Datasheet HTML 27Page - Microchip Technology MCP3903 Datasheet HTML 28Page - Microchip Technology MCP3903 Datasheet HTML 29Page - Microchip Technology MCP3903 Datasheet HTML 30Page - Microchip Technology MCP3903 Datasheet HTML 31Page - Microchip Technology MCP3903 Datasheet HTML 32Page - Microchip Technology MCP3903 Datasheet HTML 33Page - Microchip Technology MCP3903 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
MCP3903
DS25048B-page 30
© 2011 Microchip Technology Inc.
6.0
SERIAL INTERFACE
DESCRIPTION
6.1
OVERVIEW
The MCP3903 device is compatible with SPI modes
0,0 and 1,1. Data is clocked out of the MCP3903 on the
falling
edge of SCK, and data is clocked into the
MCP3903 on the rising edge of SCK. In these modes,
SCK can idle either high or low. Each SPI
communication starts with a CS falling edge and stops
with the CS rising edge. Each SPI communication is
independent. When CS is high, SDO is in high
impedance, and transitions on SCK and SDI have no
effect. Additional controls: RESET, DR are also
provided
on
separate
pins
for
advanced
communication. The MCP3903 interface has a simple
command structure. The first byte transmitted is always
the CONTROL byte that is 8 bits wide and is followed
by data bytes that are 24 bits wide. Both ADCs are
continuously converting data by default and can be
reset or shutdown through a CONFIG register setting.
Since each ADC data is either 16 or 24 bits (depending
on the WIDTH bits), the internal registers can be
grouped together with various configurations (through
the READ bits) in order to allow easy data retrieval
within only one communication. For device reads, the
internal address counter can be automatically incre-
mented in order to loop through groups of data within
the register map. The SDO will then output the data
located at the ADDRESS (A<4:0>) defined in the con-
trol byte and then ADDRESS+1 depending on the
READ<1:0> bits which select the groups of registers.
These groups are defined in Section 7.1 “ADC Chan-
nel Data Output Registers”
(Register Map). The Data
Ready pins (DRn) can be used as an interrupt for an
MCU and outputs pulses when new ADC channel data
is available. The RESET pin acts like a hard reset and
can reset the part to its default power-up configuration.
6.2
CONTROL BYTE
The control byte of the MCP3903 contains two device
address bits A<6:5>, 5 register address bits A<4:0>,
and a read/write bit (R/W). The first byte transmitted to
the MCP3903 is always the control byte.
FIGURE 6-1:
Control Byte.
The default device address bits are 01. A read on
undefined addresses will give an all zeros output on the
first and all subsequent transmitted bytes. A write on an
undefined address will have no effect and will not incre-
ment the address counter either.
The register map is defined in Section 7.1 “ADC
Channel Data Output Registers”
.
6.3
Reading from the Device
The first data byte read is the one defined by the
address given in the CONTROL byte. After this first
byte is transmitted, if CS pin is maintained low, the
communication continues and the address of the next
transmitted byte is determined by the status of the
READ bits in the STATUS/COM register. Multiple
looping configurations can be defined through the
READ<1:0> bits for the address increment (see 6.6
“SPI MODE 1,1 - Clock Idle High, Read/Write
Examples””
).
6.4
Writing to the Device
The first data byte written is the one defined by the
address given in the control byte. The write
communication automatically increments the address
for subsequent bytes. The address of the next
transmitted byte within the same communication (CS
stays low) is the next address defined on the register
map. At the end of the register map, the address loops
to the beginning of the register map. Writing a
non-writable register has no effect. SDO pin stays high
impedance during a write communication.
6.5
SPI MODE 0,0 - Clock Idle Low,
Read/Write Examples
In this SPI mode, the clock idles low. For the MCP3903,
this means that there will be a rising edge before there
is a falling edge.
A6
A5 A4 A3 A2 A1 A0 R/W
Read
Write Bit
Register
(0)
(1)
Address Bits
Device
Address Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com