Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3903 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 28Page - Microchip Technology MCP3903 Datasheet HTML 29Page - Microchip Technology MCP3903 Datasheet HTML 30Page - Microchip Technology MCP3903 Datasheet HTML 31Page - Microchip Technology MCP3903 Datasheet HTML 32Page - Microchip Technology MCP3903 Datasheet HTML 33Page - Microchip Technology MCP3903 Datasheet HTML 34Page - Microchip Technology MCP3903 Datasheet HTML 35Page - Microchip Technology MCP3903 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
MCP3903
DS25048B-page 32
© 2011 Microchip Technology Inc.
FIGURE 6-5:
Device Write (SPI Mode 1,1 - Clock Idles High).
6.7
Read Continuously Channel Data,
LOOPING ON ADDRESS SETS
If the user wishes to read back any of the ADC
channels continuously, or all channels continuously,
the internal address counter of the MCP3903 can be
set to loop on specific register sets. In this case, there
is only one control byte on SDI to start the
communication. The part stays within the same loop
until CS returns high.
This internal address counter allows the following
functionality:
• Read one ADC channel data continuously
• Read all ADC channel data continuously (all ADC
data can be independent or linked with
DRn_MODE settings)
• Read continuously the entire register map
• Read continuously each separate register
• Read continuously all configuration registers
• Write all configuration registers in one
communication (see Figure 6-6)
The STATUS/COM register contains the loop settings
for the internal address counter (READ<1:0>). The
internal address counter can either stay constant
(READ<1:0>=00) and continuously read the same
byte, or it can auto-increment and loop through the
register groups defined below (READ<1:0>=01),
register types (READ<1:0>=10) or the entire register
map (READ<1:0>=11).
Each channel is configured independently as either a
16-bit or 24-bit data word, depending on the setting of
the corresponding WIDTH bit in the CONFIG register.
For continuous reading, in the case of WIDTH=0
(16-bit), the lower byte of the ADC data is not accessed
and the part jumps automatically to the following
address (the user does not have to clock out the lower
byte since it becomes undefined for WIDTH=0).
The following figure represents a typical continuous
read communication with the default settings
(DRMODE<1:0>=00, READ<1:0>=10) for both
WIDTH settings. This configuration is typically used for
power metering applications.
FIGURE 6-6:
Typical Continuous Read Communication.
SCK
SDI
SDO
CS
R/W
A6 A5 A4 A3 A2 A1 A0
23 22 21 20 19 18
17
(ADDRESS) DATA
D6 D5 D4 D3 D2 D1
D16
DATA TRANSITIONS ON
THE FALLING EDGE
MCU AND MCP3901 LATCH
BITS ON THE RISING EDGE
D0
HI-Z
HI-Z
D7
HI-Z
D08
1
32
5
CH5
CH5
5
CH5
CH5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com