Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3903 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 8Page - Microchip Technology MCP3903 Datasheet HTML 9Page - Microchip Technology MCP3903 Datasheet HTML 10Page - Microchip Technology MCP3903 Datasheet HTML 11Page - Microchip Technology MCP3903 Datasheet HTML 12Page - Microchip Technology MCP3903 Datasheet HTML 13Page - Microchip Technology MCP3903 Datasheet HTML 14Page - Microchip Technology MCP3903 Datasheet HTML 15Page - Microchip Technology MCP3903 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
MCP3903
DS25048B-page 12
© 2011 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 5.0V, DVDD = 3.3 V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1; OSR =
64; GAIN = 1; Dithering OFF; VIN = -0.5 dBFS @ 60 Hz.
FIGURE 2-19:
Offset Error vs. Temperature
(Channel 0).
FIGURE 2-20:
Channel-to-Channel Offset
Match vs. Temperature.
FIGURE 2-21:
Gain Error vs. Temperature.
FIGURE 2-22:
Internal Voltage Reference
vs. Temperature.
FIGURE 2-23:
Internal Voltage Reference
vs. Supply Voltage.
FIGURE 2-24:
Noise Histogram.
120
1.40
G=8
0.80
1.00
1.20
1.40
G=16
G=1
G=8
0.40
0.60
0.80
1.00
1.20
1.40
G=2
G=16
G=1
G=8
000
0.20
0.40
0.60
0.80
1.00
1.20
1.40
G=4
G=2
G=16
G=1
G=8
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
G=32
G=4
G=2
G=16
G=1
G=8
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-40
-20
0
25
45
85
105 125
Temperature (°C)
G=32
G=4
G=2
G=16
G=1
G=8
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-40
-20
0
25
45
85
105 125
Temperature (°C)
G=32
G=4
G=2
G=16
G=1
G=8
140
1.60
CH1
CH3
100
1.20
1.40
1.60
CH1
CH3
060
0.80
1.00
1.20
1.40
1.60
CH0
CH1
CH2
CH3
CH5
0.40
0.60
0.80
1.00
1.20
1.40
1.60
CH0
CH1
CH2
CH3
CH4
CH5
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
CH0
CH1
CH2
CH3
CH4
CH5
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
-40
-20
0
25
45
85
105 125
Temperature (°C)
CH0
CH1
CH2
CH3
CH4
CH5
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
-40
-20
0
25
45
85
105 125
Temperature (°C)
CH0
CH1
CH2
CH3
CH4
CH5
0.00
-0.10
-0.05
0.00
G=1
G=8
-0.15
-0.10
-0.05
0.00
G=32
G=16
G=2
G=1
G=8
-0.20
-0.15
-0.10
-0.05
0.00
G=32
G=16
G=2
G=1
G=8
030
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
G=32
G=4
G=16
G=2
G=1
G=8
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-40
-20
0
25
45
85
105 125
Temperature (°C)
G=32
G=4
G=16
G=2
G=1
G=8
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-40
-20
0
25
45
85
105 125
Temperature (°C)
G=32
G=4
G=16
G=2
G=1
G=8
2.360
2.355
2.360
2.350
2.355
2.360
2.345
2.350
2.355
2.360
2.340
2.345
2.350
2.355
2.360
2.340
2.345
2.350
2.355
2.360
-40
-20
0
25
45
85
105 125
Temperature (°C)
2.340
2.345
2.350
2.355
2.360
-40
-20
0
25
45
85
105 125
Temperature (°C)
2 35472
2.35473
2.35471
2.35472
2.35473
2 35469
2.35470
2.35471
2.35472
2.35473
2.35468
2.35469
2.35470
2.35471
2.35472
2.35473
2 35466
2.35467
2.35468
2.35469
2.35470
2.35471
2.35472
2.35473
2.35466
2.35467
2.35468
2.35469
2.35470
2.35471
2.35472
2.35473
4.5
5
5.5
Power Supply (V)
2.35466
2.35467
2.35468
2.35469
2.35470
2.35471
2.35472
2.35473
4.5
5
5.5
Power Supply (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com