Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3903 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3903
Description  Six Channel Delta Sigma A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3903 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3903 Datasheet HTML 10Page - Microchip Technology MCP3903 Datasheet HTML 11Page - Microchip Technology MCP3903 Datasheet HTML 12Page - Microchip Technology MCP3903 Datasheet HTML 13Page - Microchip Technology MCP3903 Datasheet HTML 14Page - Microchip Technology MCP3903 Datasheet HTML 15Page - Microchip Technology MCP3903 Datasheet HTML 16Page - Microchip Technology MCP3903 Datasheet HTML 17Page - Microchip Technology MCP3903 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
MCP3903
DS25048B-page 14
© 2011 Microchip Technology Inc.
3.0
PIN DESCRIPTION
TABLE 3-1:
PIN FUNCTION TABLE
3.1
RESET
This pin is active low and places the entire chip in a
reset state when active.
When RESET=0, all registers are reset to their default
value, no communication can take place, no clock is
distributed inside the part. This state is equivalent to a
POR state.
Since the default state of the ADCs is on, the analog
power consumption when RESET = 0 is equivalent to
when RESET = 1. Only the digital power consumption
is largely reduced because this current consumption is
essentially dynamic and is reduced drastically when
there is no clock running. All the analog biases are
enabled during a reset so that the part is fully
operational just after a RESET rising edge. This input
is Schmitt triggered.
3.2
Digital VDD (DVDD)
DVDD is the power supply pin for the digital circuitry
within the MCP3903. This pin requires appropriate
bypass capacitors and should be maintained between
2.7V and 3.6V for specified operation.
Pin No.
Symbol
Function
1AVDD
Analog Power Supply Pin
2
CH0+
Non-Inverting Analog Input Pin for Channel 0
3
CH0-
Inverting Analog Input Pin for Channel 0
4
CH1-
Inverting Analog Input Pin for Channel 1
5
CH1+
Non-Inverting Analog Input Pin for Channel 1
6
CH2+
Non-Inverting Analog Input Pin for Channel 2
7
CH2-
Inverting Analog Input Pin for Channel 2
8
CH3-
Inverting Analog Input Pin for Channel 3
9
CH3+
Non-Inverting Analog Input Pin for Channel 3
10
CH4+
Non-Inverting Analog Input Pin for Channel 4
11
CH4-
Inverting Analog Input Pin for Channel 4
12
CH5-
Inverting Analog Input Pin for Channel 5
13
CH5+
Non-Inverting Analog Input Pin for Channel 5
14
REFIN+/OUT Non-Inverting Voltage Reference Input and Internal Reference Output Pin
15
REFIN-
Inverting Voltage Reference Input Pin
16
AGND
Analog Ground Pin, Return Path for internal analog circuitry
17
DGND
Digital Ground Pin, Return Path for internal digital circuitry
18
DRA
Data Ready Signal Output for channels pair A
19
DRB
Data Ready Signal Output for channels pair B
20
DRC
Data Ready Signal Output for channels pair C
21
OSC1
Oscillator Crystal Connection Pin or Clock Input Pin
22
OSC2
Oscillator Crystal Connection Pin
23
CS
Chip Select for Serial Interface
24
SCK
Serial Interface Clock Pin
25
SDO
Serial Interface Data Output Pin
26
SDI
Serial Interface Data Input Pin
27
RESET
Master Reset Logic Input Pin
28
DVDD
Digital Power Supply Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com