Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AX Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS332AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS332AX Datasheet HTML 2Page - STMicroelectronics LIS332AX Datasheet HTML 3Page - STMicroelectronics LIS332AX Datasheet HTML 4Page - STMicroelectronics LIS332AX Datasheet HTML 5Page - STMicroelectronics LIS332AX Datasheet HTML 6Page - STMicroelectronics LIS332AX Datasheet HTML 7Page - STMicroelectronics LIS332AX Datasheet HTML 8Page - STMicroelectronics LIS332AX Datasheet HTML 9Page - STMicroelectronics LIS332AX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Mechanical and electrical specifications
LIS332AX
6/14
Doc ID 16932 Rev 1
2.2
Electrical characteristics
@ Vdd=3 V, T=25 °C unless otherwise noted(b).
b.
The product is factory calibrated at 3 V. The operational power supply range is specified in
Table 4.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.16
3
3.6
V
Idd
Supply current
Mean value
PD pin connected to GND
300
µA
IddPdn
Supply current in
power-down mode
PD pin connected to Vdd
1
µA
Vst
Vpd
Self-test input
Power-down input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
Rout
Output impedance of
Voutx, Vouty, Voutz
32
k
Ω
Cload
Capacitive load drive
for Voutx, Vouty,
Voutz(2)
2.5
nF
Ton
Turn-on time
at exit from
Power-down mode
CLOAD in µF
160*CLOAD+0.3
ms
1.
Typical specifications are not guaranteed
2.
Minimum resonance frequency Fres=2.0kHz. Device bandwidth=1/(2*
π*32kΩ*Cload), with Cload>2.5nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com