Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AX Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS332AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AX Datasheet(HTML) 5 Page - STMicroelectronics

  LIS332AX Datasheet HTML 1Page - STMicroelectronics LIS332AX Datasheet HTML 2Page - STMicroelectronics LIS332AX Datasheet HTML 3Page - STMicroelectronics LIS332AX Datasheet HTML 4Page - STMicroelectronics LIS332AX Datasheet HTML 5Page - STMicroelectronics LIS332AX Datasheet HTML 6Page - STMicroelectronics LIS332AX Datasheet HTML 7Page - STMicroelectronics LIS332AX Datasheet HTML 8Page - STMicroelectronics LIS332AX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LIS332AX
Mechanical and electrical specifications
Doc ID 16932 Rev 1
5/14
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd=3 V, T=25 °C unless otherwise noted(a)
a.
The product is factory calibrated at 3 V. The operational power supply range is specified in
Table 4.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Ar
Acceleration range(2)
±2.0
g
So
Sensitivity(3)
0.363 - 5%
0.363
0.363 + 5%
V/g
SoDr
Sensitivity change vs.
temperature
Delta from +25 °C
±0.01
%/°C
Voff
Zero-
g level(4)
T = 25°C
1.25-3.5%
1.25
1.25+3.5%
V
OffDr
Zero-
g level change
vs. temperature
Delta from +25 °C
±0.2
mg/°C
NL
Non linearity(4)
Best fit straight line
±0.5
% FS
CrossAx Cross-axis(5)
±2
%
An
Acceleration noise
density
Vdd=3 V
100
µg/
Vt
Self-test output
voltage change(6)
T = 25 °C
X axis
40
550
mV
T = 25 °C
Y axis
40
550
mV
T = 25 °C
Z axis
40
550
mV
Fres
Sensing element
resonant frequency(7)
X, Y, Z axis
2.0
kHz
Top
Operating
temperature range
-40
+85
°C
Wh
Product weight
30
mgram
1.
Typical specifications are not guaranteed
2.
Guaranteed by wafer level test and measurement of initial offset and sensitivity
3.
Zero-
g level and Sensitivity are absolute to supply voltage
4.
Guaranteed by design
5.
Contribution to the measuring output of an inclination/acceleration along any perpendicular axis
6.
“Self-test output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
7.
Minimum resonance frequency FRES=2.0 kHz. Sensor bandwidth=1/(2*π*32kΩ*CLOAD), with CLOAD>2.5 nF
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com