Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AX Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS332AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS332AX Datasheet HTML 6Page - STMicroelectronics LIS332AX Datasheet HTML 7Page - STMicroelectronics LIS332AX Datasheet HTML 8Page - STMicroelectronics LIS332AX Datasheet HTML 9Page - STMicroelectronics LIS332AX Datasheet HTML 10Page - STMicroelectronics LIS332AX Datasheet HTML 11Page - STMicroelectronics LIS332AX Datasheet HTML 12Page - STMicroelectronics LIS332AX Datasheet HTML 13Page - STMicroelectronics LIS332AX Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
LIS332AX
12/14
Doc ID 16932 Rev 1
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Figure 5.
LGA-16: mechanical data and package dimensions
DRAFT
Dimensions
Ref.
mm
inch
Min. Typ. Max. Min. Typ.
Max.
A1
1.000
0.0394
A2
0.7850.0309
A3
0.200
0.0079
D1
2.850
3.000
3.150 0.1122 0.1181 0.1240
E1
2.850
3.000
3.150 0.1122 0.1181 0.1240
L1
1.000
1.060
0.0394 0.0417
L2
2.000
2.060
0.07870.0811
N1
0.500
0.0197
N2
1.000
0.0394
M
0.040
0.100
0.160 0.0016 0.0039 0.0063
P1
0.875
0.0344
P2
1.275
0.0502
T1
0.290
0.350
0.410 0.0114 0.0138 0.0161
T2
0.190
0.250
0.310 0.0075 0.0098 0.0122
d0.150
0.0059
k
0.050
0.0020
LGA-16(3x3x1.0mm)
Land Grid Array Package
Outline and
7983231
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com