Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AX Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS332AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AX Datasheet(HTML) 4 Page - STMicroelectronics

  LIS332AX Datasheet HTML 1Page - STMicroelectronics LIS332AX Datasheet HTML 2Page - STMicroelectronics LIS332AX Datasheet HTML 3Page - STMicroelectronics LIS332AX Datasheet HTML 4Page - STMicroelectronics LIS332AX Datasheet HTML 5Page - STMicroelectronics LIS332AX Datasheet HTML 6Page - STMicroelectronics LIS332AX Datasheet HTML 7Page - STMicroelectronics LIS332AX Datasheet HTML 8Page - STMicroelectronics LIS332AX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Block diagram and pin description
LIS332AX
4/14
Doc ID 16932 Rev 1
Table 2.
Pin description
Pin #
Pin name
Function
1
NC
Internally not connected
2
res
Connect to Vdd
3
NC
Not connected
4
ST
Self-test (logic 0: normal mode; logic 1: self-test mode)
5
PD
Power-down (logic 0: normal mode; logic 1: power-down mode)
6
GND
0 V supply
7
NC
Not connected
8
NC
Not connected
9
Voutz
Output voltage Z channel
10
NC
Not connected
11
Vouty
Output voltage Y channel
12
NC
Not connected
13
Voutx
Output voltage X channel
14
NC
Not connected
15
res
Connect to Vdd
16
Vdd
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com