Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AX Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS332AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AX Datasheet(HTML) 1 Page - STMicroelectronics

  LIS332AX Datasheet HTML 1Page - STMicroelectronics LIS332AX Datasheet HTML 2Page - STMicroelectronics LIS332AX Datasheet HTML 3Page - STMicroelectronics LIS332AX Datasheet HTML 4Page - STMicroelectronics LIS332AX Datasheet HTML 5Page - STMicroelectronics LIS332AX Datasheet HTML 6Page - STMicroelectronics LIS332AX Datasheet HTML 7Page - STMicroelectronics LIS332AX Datasheet HTML 8Page - STMicroelectronics LIS332AX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2010
Doc ID 16932 Rev 1
1/14
14
LIS332AX
MEMS inertial sensor:
3-axis ±2
g absolute analog-output ultracompact accelerometer
Features
■ Single voltage supply operation
■ ±2 g full-scale
■ Excellent stability over temperature
■ Absolute 0-g level and sensitivity
■ Factory-trimmed device sensitivity and
0-
g level
■ Power-down mode
■ Embedded self-test
■ 10000 g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see
Section 7)
Applications
■ Tilting applications
■ Free-fall detection
■ Gaming
■ Anti-theft systems
■ Inertial navigation and motion tracking
Description
The LIS332AX is an ultracompact low-power 3-
axis linear accelerometer that includes a sensing
element and an IC interface to provide an analog
signal to the external world.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit trimmed to better match
the sensing element characteristics.
The LIS332AX has a full-scale of ±2
g, and is
capable of measuring accelerations over a
maximum bandwidth of 2.0 kHz. The device
bandwidth may be reduced by using external
capacitors. The self-test capability allows the user
to check the functioning of the system.
ST is already in the field with several hundred
million sensors which have received excellent
acceptance from the market in terms of quality,
reliability and performance.
The LIS332AX is provided in a plastic land grid
array (LGA) package.
Several years ago ST successfully pioneered the
use of this package for accelerometers. Today, ST
has the widest manufacturing capability and
strongest expertise in the world for production of
sensors in plastic LGA packages.
LGA-16 (3x3x1.0mm)
Table 1.
Device summary
Part number
Temperature range,
° C
Package
Packing
LIS332AX
-40°C to +85°C
LGA-16
Tray
LIS332AXTR
-40°C to +85°C
LGA-16
Tape and reel
www.st.com


Similar Part No. - LIS332AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
LIS332ARTR STMICROELECTRONICS-LIS332ARTR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
More results

Similar Description - LIS332AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
28-Sep-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
2005-Sep-26
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
03-May-2006
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com