Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AX Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS332AX
Description  MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS332AX Datasheet HTML 6Page - STMicroelectronics LIS332AX Datasheet HTML 7Page - STMicroelectronics LIS332AX Datasheet HTML 8Page - STMicroelectronics LIS332AX Datasheet HTML 9Page - STMicroelectronics LIS332AX Datasheet HTML 10Page - STMicroelectronics LIS332AX Datasheet HTML 11Page - STMicroelectronics LIS332AX Datasheet HTML 12Page - STMicroelectronics LIS332AX Datasheet HTML 13Page - STMicroelectronics LIS332AX Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LIS332AX
Application hints
Doc ID 16932 Rev 1
11/14
6.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHs and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020C.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com.
6.2
Output response vs. orientation
Figure 4.
Output response vs. orientation
Table 6.
Filter capacitor selection, CLOAD (x,y,z)
Cut-off frequency
Capacitor value
1 Hz
5
µF
10 Hz
0.5
µF
20 Hz
250 nF
50 Hz
100 nF
100 Hz
50 nF
200 Hz
25 nF
500 Hz
10 nF
Earth’ surface
X=1.25V (0g)
Y=1.25V (0g)
Z=0.89V (-1g)
X=1.25V (0g)
Y=1.25V (0g)
Z=1.61V (+1g)
TOP VIEW
X=1.25V (0g)
Y=1.61V (+1g)
X=1.25V (0g)
Y=0.89V (-1g)
X=0.89V (-1g)
Y=1.25V (0g)
X=1.61V (+1g)
Y=1.25V (0g)
Z=1.25V (0g)
Z=1.25V (0g)
Z=1.25V (0g)
Z=1.25V (0g)
Top
Bottom
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com