Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5125 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
53
4.3.5.3
DDR2 SDRAM AC Timing Specifications
Address and control output hold time
relative to MCK rising edge
tOH(base)
tCK/2 – 1000
—
ps
2,3
A5.7
DQ and DM output setup time relative to
DQS
tDS1(base)
tCK/4 – 750
—
ps
2,3
A5.8
DQ and DM output hold time relative to
DQS
tDH1(base)
tCK/4 – 750
—
ps
2,3
A5.9
DQS-DQ skew for DQS and associated
DQ inputs
tDQSQ
– (tCK/4 – 600)
tCK/4 – 600
ps
3
A5.10
DQS window position related to CAS
read command
tDQSEN
2tCK – 500
3tCK – 1000
ps 1,2,3,4,5 A5.11
NOTES:
1 Measured with clock pin loaded with differential 100
 termination resistor.
2 Measured with all outputs except the clock loaded with 50
 termination resistor to V
DD_IO_MEM/2.
3 All transitions measured at mid-supply (V
DD_IO_MEM/2).
4 In this window, the first rising edge of DQS should occur. From the start of the window to DQS rising edge, DQS should be low.
5 The window position is given for t
DQSEN = 2.0 tCK (RDLY = 2, HALF DQS DLY = QUART DQS DLY = 0) with CL = 3
MobileDDR/LPDDR SDRAM device. For other values of tDQSEN, the window position is shifted accordingly.
Table 23. DDR2 (DDR2-400) SDRAM Timing Specifications
At recommended operating conditions with VDD_IO_MEM of ±5%
Parameter
Symbol
Min
Max
Unit Notes SpecID
Clock cycle time, CL = x
tCK
5000
—
ps
A5.1
MCK AC differential crosspoint voltage
VOX-AC (VDD_IO_MEM 0.5) – 0.1 (VDD_IO_MEM 0.5) + 0.1 V
1
A5.2
CK HIGH pulse width
tCH
0.47
0.53
tCK
1,3
A5.3
CK LOW pulse width
tCL
0.47
0.53
tCK
1,3
A5.4
Skew between MCK and DQS transitions
tDQSS
0.25
0.25
tCK
2,3
A5.5
Address and control output setup time
relative to MCK rising edge
tOS(base)
tCK/2750
—
ps
2,3
A5.6
Address and control output hold time
relative to MCK rising edge
tOH(base)
tCK/2750
—
ps
2,3
A5.7
DQ and DM output setup time relative to
DQS
tDS1(base)
tCK/4500
—
ps
2,3
A5.8
DQ and DM output hold time relative to
DQS
tDH1(base)
tCK/4500
—
ps
2,3
A5.9
DQS-DQ skew for DQS and associated
DQ inputs
tDQSQ
– (tCK/4 – 600)
tCK/4600
ps
3
A5.10
DQS window position related to CAS
read command
tDQSEN
2.5tCK
3tCK + 1500
ps
1,2,3,4,
5
A5.11
Table 22. MobileDDR/LPDDR SDRAM Timing Specifications (continued)
At recommended operating conditions with VDD_IO_MEM of 5%
Parameter
Symbol
Min
Max
Unit Notes SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com