Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5125 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
72
4.3.12
CAN
The CAN functions are available as TX pins at normal IO pads and as RX pins at the VBAT domain. There is no filter for the
wakeup dominant pulse. Any high-to-low edge can cause wakeup, if configured.
4.3.13
I2C
This section specifies the timing parameters of the inter-integrated circuit (I2C) interface. Refer to the I2C bus specification.
Table 37. I2C Input Timing Specifications — SCL and SDA
Sym
Description
Min
Max
Units
SpecID
1
Start condition hold time
2
—
IP bus cycle1
NOTES:
1 Inter-peripheral clock is defined in the MPC5125 Reference Manual (MPC5125RM)
A18.1
2
Clock low time
8
—
IP bus cycle1
A18.2
4
Data hold time
0.0
—
ns
A18.3
6
Clock high time
4
—
IP bus cycle1
A18.4
7
Data setup time
0.0
—
ns
A18.5
8
Start condition setup time (for repeated start condition only)
2
—
IP bus cycle1
A18.6
9
Stop condition setup time
2
—
IP bus cycle1
A18.7
Table 38. I2C Output Timing Specifications — SCL and SDA 1
NOTES:
1 Output timing is specified at a nominal 50 pF load.
Sym
Description
Min
Max
Units
SpecID
12
2 Programming IFDR with the maximum frequency results in the minimum output timings listed. The I2C interface is designed to
scale the data transition time, moving it to the middle of the SCL low period. The actual position is affected by the prescale and
division values programmed in IFDR.
Start condition hold time
6
—
IP bus cycle3
3 Because SCL and SDA are open-drain-type outputs, which the processor can only actively drive low, the time that SCL or SDA
takes to reach a high level depends on external signal capacitance and pullup resistor values.
A18.8
22
Clock low time
10
—
IP bus cycle3
A18.9
34
4 Inter -peripheral Clock is defined in the MPC5125 Reference Manual (MPC5125RM).
SCL/SDA rise time
—
7.9
ns
A18.10
42
Data hold time
7
—
IP bus cycle3
A18.11
52
SCL/SDA fall time
—
7.9
ns
A18.12
62
Clock high time
10
—
IP bus cycle3
A18.13
72
Data setup time
2
—
IP bus cycle3
A18.14
82
Start condition setup time (for repeated start condition only)
20
—
IP bus cycle3
A18.15
92
Stop condition setup time
10
—
IP bus cycle3
A18.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com