Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
For applications that operate within an environment where more noise is present the Enhanced Reset
Circuit shown is recommended.
More information regarding external reset circuits is located in Application Note HA0075E on the
Holtek website.
Pulling the RES Pin low using external hardware will also execute a device reset. In this case, as in
the case of other resets, the Program Counter will reset to zero and program execution initiated from
this point.
· Low Voltage Reset
- LVR
The microcontroller contains a low voltage reset circuit in order to monitor the supply voltage of the
device, which is selected via a configuration option. If the supply voltage of the device drops to within a
range of 0.9V~VLVR such as might occur when changing the battery, the LVR will automatically reset the
device internally. The LVR includes the following specifications: For a valid LVR signal, a low voltage,
i.e., a voltage in the range between 0.9V~VLVR must exist for greater than the value tLVR specified in the
A.C. characteristics. If the low voltage state does not exceed tLVR, the LVR will ignore it and will not
perform a reset function. One of a range of specified voltage values for VLVR can be selected using
configuration options.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
53
September 15, 2011
R E S / P B 6
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
V D D
V S S
0 . 0 1 m F * *
V D D
1 N 4 1 4 8 *
3 0 0 W *
Note:
²*² It is recommended that this component is added for added ESD protection
²**² It is recommended that this component is added in environments where power line noise
is significant
External RES Circuit
R E S
I n t e r n a l R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D + t S S T
Note: tRSTD is power-on delay, typical time=100ms
RES Reset Timing Chart
L V R
I n t e r n a l R e s e t
t R S T D + t S S T
Note: tRSTD is power-on delay, typical time=100ms
Low Voltage Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com