| Electronic Components Datasheet Search |
|
HT45F23 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F23 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc |
|
74 / 152 page ![]() Analog to Digital Converter The need to interface to real world analog signals is a common requirement for many electronic systems. However, to properly process these signals by a microcontroller, they must first be converted into digital signals by A/D converters. By integrating the A/D conversion electronic circuitry into the microcontroller, the need for external components is reduced significantly with the corresponding follow-on benefits of lower costs and reduced component space requirements. A/D Overview The devices contains a multi-channel analog to digital converter which can directly interface to external analog signals, such as that from sensors or other control signals and convert these signals directly into either a 12-bit digital value. Part No. Input Channels A/D Channel Select Bits Input Pins HT45F43 6 ACS2~ACS0 AN0~AN5 The accompanying block diagram shows the overall internal structure of the A/D converter, together with its associated registers. A/D Converter Register Description Overall operation of the A/D converter is controlled using five registers. A read only register pair exists to store the ADC data 12-bit value. The remaining three registers are control registers which setup the operating and control function of the A/D converter. Register Name Bit 76543210 ADCR START EOCB ¾¾¾ ACS2 ACS1 ACS0 ACSR ¾ ADONB VRSEL ¾¾ ADCS2 ADCS1 ADCS0 ADPCR ¾¾ PCR5 PCR4 PCR3 PCR2 PCR1 PCR0 A/D Converter Register List Rev. 1.20 74 September 15, 2011 HT45F23/HT45F43 8-Bit Flash MCU with Op Amps & Comparators A / D C o n v e r t e r A N 0 o r I / O ~ A N 5 o r I / O A / D R e f e r e n c e V o l t a g e A D R L A D R H A / D D a t a R e g i s t e r s S T A R T E O C B A D O N B V S S P C 4 / V R E F A D C S 2 ~ A D C S 0 f S Y S P C R 5 ~ P C R 0 A C S 2 ~ A C S 0 A / D C l o c k V D D A D O N B B i t V R S E L B i t C l o c k D i v i d e r O P A 1 o u t p u t O P A 2 o u t p u t A/D Converter Structure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |