Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
I/O Interfacing
The Timer/Event Counter, when configured to run in the event counter or pulse width measurement
mode, require the use of the external pin for correct operation. As this pin is a shared pin it must be
configured correctly to ensure it is setup for use as a Timer/Event Counter input and not as a normal
I/O pin. This is implemented by ensuring that the mode select bits in the Timer/Event Counter control
register, select either the event counter or pulse width measurement mode. Additionally the Port
Control Register must be set high to ensure that the pin is setup as an input. Any pull-high resistor on
this pin will remain valid even if the pin is used as a Timer/Event Counter input.
Timer/Event Counter Pins Internal Filter
The external Timer/Event Counter pins are connected to an internal filter to reduce the possibility of
unwanted event counting events or inaccurate pulse width measurements due to adverse noise or
spikes on the external Timer/Event Counter input signal. As this internal filter circuit will consume a
limited amount of power, a configuration option is provided to switch off the filter function, an option
which may be beneficial in power sensitive applications, but in which the integrity of the input signal is
high. Care must be taken when using the filter on/off configuration option as it will be applied not only
to both external Timer/Event Counter pins but also to the external interrupt input pins. Individual
Timer/Event Counter or external interrupt pins cannot be selected to have a filter on/off function.
Programming Considerations
When configured to run in the timer mode, the internal system clock is used as the timer clock source
and is therefore synchronised with the overall operation of the microcontroller. In this mode when the
appropriate timer register is full, the microcontroller will generate an internal interrupt signal directing
the program flow to the respective internal interrupt vector. For the pulse width measurement mode,
the internal system clock is also used as the timer clock source but the timer will only run when the
correct logic condition appears on the external timer input pin. As this is an external event and not
synchronized with the internal timer clock, the microcontroller will only see this external event when
the next timer clock pulse arrives. As a result, there may be small differences in measured values
requiring programmers to take this into account during programming. The same applies if the timer is
configured to be in the event counting mode, which again is an external event and not synchronised
with the internal system or timer clock.
When the Timer/Event Counter is read, or if data is written to the preload register, the clock is inhibited to
avoid errors, however as this may result in a counting error, this should be taken into account by the
programmer. Care must be taken to ensure that the timers are properly initialised before using them for
the first time. The associated timer enable bits in the interrupt control register must be properly set
otherwise the internal interrupt associated with the timer will remain inactive. The edge select, timer
mode and clock source control bits in timer control register must also be correctly set to ensure the timer
is properly configured for the required application. It is also important to ensure that an initial value is
first loaded into the timer registers before the timer is switched on; this is because after power-on the
initial values of the timer registers are unknown. After the timer has been initialised the timer can be
turned on and off by controlling the enable bit in the timer control register. Note that setting the timer
enable bit high to turn the timer on, should only be executed after the timer mode bits have been properly
setup. Setting the timer enable bit high together with a mode bit modification, may lead to improper
timer operation if executed as a single timer control register byte write instruction.
Rev. 1.20
68
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com