Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 99 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 99 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 103Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
The following block diagram illustrates the functional structure for LDO and divided resister.
Operational Amplifiers
There are two fully integrated Operational Amplifiers in the device, OPA1 and OPA2. These OPAs can
be used for signal amplification according to specific user requirements. The OPAs can be disabled or
enabled entirely under software control using internal registers. With specific control registers, some
OPA related applications can be more flexible and easier to be implemented, such as Unit Gain Buffer,
Non-Inverting Amplifier, Inverting Amplifier and various kinds of filters, etc. In addition, the
HT45F23 provides the calibration function to adjust the OPA offset.
Operational Amplifier Registers
The internal Operational Amplifiers are fully under the control of internal registers, OPA1C0,
OPA1C1, OPA2C0, OPA2C1 and OPA2C2. These registers control enable/disable function, input path
selection, gain control, polarity and calibration function.
OPA1C0 Register
- HT45F23
Bit
76543210
Name
A1OP
A1OFM
A1RS
A1OF4
A1OF3
A1OF2
A1OF1
A1OF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00010000
Bit 7
A1OP: Operational amplifier output; positive logic. This bit is read only.
Bit 6
A1OFM: Operational amplifier mode or input offset voltage cancellation mode
0: operational amplifier mode
1: input offset voltage cancellation mode
Bit 5
A1RS: Operational amplifier input offset voltage cancellation reference selection bit
0: select A1N as the reference input
1: select A1P as the reference input
Bit 4~0
A1OF4~A1OF0: Operational amplifier input offset voltage cancellation control bits
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
99
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com