Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
Operational Amplifier Functions
The OPAs are connected together internally in a specific way and the output of OPAs can also be
connected to the internal comparators as shown in the block diagram. Each of the OPAs has its own
control register, with the name OPA1C0, OPA1C1, OPA2C0, OPA2C1 and OPA2C2 which are used to
control the enable/disable function, the calibration procedure and the programmable gain function of
OPA2.
Each of the internal OPAs in the HT45F23 allows for a common mode adjustment method of its input
offset voltage.
The calibration steps are as following:
1. Set A1OFM=1 to setup the offset cancellation mode, here S3C is closed.
2. Set A1RS to select which input pin is to be used as the reference voltage - S1C or S2C is closed
3. Adjust A1OF0~A1OF4 until the output status changes
4. Set A1OFM=0to restore the normal OPA mode
5. Repeat the same procedure from steps 1 to 4 for OPA2
OPA1 Switch Control
The following diagram and table illustrate the OPA1 switch control setting and the corresponding
connections. Note that some switch control selections will force some switches to be controlled by
hardware automatically.
For example:
· The S7C is closed when A1O2CIN=1 and the S7C is opened when A1O2CIN =0.
· The A1PS=1 will force A1PSEL1,0=(00), i.e. S10C,S9C,S8C will be opened.
· When the A1EN=0, S6C switch are opened by hardware, then the related I/O pins can be used as the
other functions.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
103
September 15, 2011
A 1 R S
X
0
1
A 1 O F M
0
1
0
S 1 C
O N
O F F
O N
S 2 C
O N
O N
O F F
S 3 C
O F F
O N
O N
A 1 O P
A 1 P
A 1 O F 0 ~ A 1 O F 4
A 1 E N
S 1 C
S 2 C
S 3 C
A 1 N
A 1 E
" X " : d o n ' t c a r e
Note:
S1C, S2C and S3C are for HT45F23 only.
A1PS=1 will force A1PSEL1, 0=(0,0), i.e. S10C, S9C, S8C will bw opened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com