Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 101 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 101 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 105Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
OPA2C0 Register
- HT45F23
Bit
76543210
Name
A2OP
A2OFM
A2RS
A2OF4
A2OF3
A2OF2
A2OF1
A2OF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00010000
Bit 7
A2OP: Operational amplifier output; positive logic. This bit is read only.
Bit 6
A2OFM: Operational amplifier mode or input offset voltage cancellation mode
0: operational amplifier mode
1: input offset voltage cancellation mode
Bit 5
A2RS: Operational amplifier input offset voltage cancellation reference selection bit
0: select A2N as the reference input
1: select A2P as the reference input
Bit 4~0
A2OF4~A2OF0: Operational amplifier input offset voltage cancellation control bits
OPA2C0 Register
- HT45F43
Bit
76543210
Name
A2OP
¾¾¾¾¾¾¾
R/W
R
¾¾¾¾¾¾¾
POR
0
¾¾¾¾¾¾¾
Bit 7
A2OP: Operational amplifier output; positive logic. This bit is read only.
Bit 6~0
unimplemented, read as
²0²
OPA2C1 Register
- HT45F23/HT45F43
Bit
76543210
Name
A2O2CIN
A2O2N
A2PSEL1
A2PSEL0
A2PS
A2NS
A2OEN
A2EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00001100
Bit 7
A2O2CIN: OPA2 output to comparator input control bit
0: disable
1: enable
Bit 6
A2O2N: OPA2 output to OPA2 Inverting input control bit
0: disable
1: enable
Bit 5~4
A2PSEL1, A2PSEL0: OPA2 Non-inverting input selection bit
00: no connection
01: from 0.9 VLDO
10: from VM (0.5 VDD or 0.5 VLDO)
11: from 0.1VLDO
Bit 3
A2PS: A2P pin to OPA2 Non-inverting input control bit
0: no connection
1: from A2P pin
Bit 2
A2NS: A2N pin to OPA2 Inverting input control bit
0: no connection
1: from A2N pin
Bit 1
A2OEN: OPA2 output enable or disable control bit
0: disable
1: enable
Bit 0
A2EN: OPA2 enable or disable control bit
0: disable
1: enable
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
101
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com