Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 152 page
background image
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To
ensure reliable continuation of normal program execution after a reset occurs, it is important to know
what condition the microcontroller is in after a particular reset occurs. The following table describes
how each type of reset affects each of the microcontroller internal registers. Note that where more than
one package type exists the table will reflect the situation for the larger package type.
Register
Power-on Reset
RES or LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Idle/Sleep)
PCL
0000 0000
0000 0000
0000 0000
0000 0000
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
---- --- 0
---- --- 0
---- --- 0
---- --- u
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
- xxx xxxx
- uuu uuuu
- uuu uuuu
- uuu uuuu
STATUS
-- 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
SMOD
0000 0011
0000 0011
0000 0011
uuuu uuuu
LVDC
-- 00 - 000
-- 00 - 000
-- 00 - 000
-- uu - uuu
INTEDGE
---- 0000
---- 0000
---- 0000
---- uuuu
WDTC
0111 1010
0111 1010
0111 1010
uuuu uuuu
INTC0
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
INTC1
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
MFIC0
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFIC1
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
- 111 1111
- 111 1111
- 111 1111
- uuu uuuu
PBC
- 111 1111
- 111 1111
- 111 1111
- uuu uuuu
PC
- 111 1111
- 111 1111
- 111 1111
- uuu uuuu
PCC
- 111 1111
- 111 1111
- 111 1111
- uuu uuuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PBPU
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
PCPU
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
PWM0
0000 0000
0000 0000
0000 0000
uuuu uuuu
PWM1
0000 0000
0000 0000
0000 0000
uuuu uuuu
MISC
0000
-- 00
0000
-- 00
0000
-- 00
uuuu
-- uu
ADPCR
-- 00 0000
-- 00 0000
-- 00 0000
-- uu uuuu
ADRL
xxxx
----
xxxx
----
xxxx
----
uuuu
----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
55
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com