Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 152 page
background image
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on their I/O ports. With the input or output
designation of every pin fully under user program control, pull-high selections for all ports and
wake-up selections on certain pins, the user is provided with an I/O structure to meet the needs of a
wide range of application possibilities.
The devices provide bidirectional input/output lines labeled with port names PA~PC. These I/O ports
are mapped to the RAM Data Memory with specific addresses as shown in the Special Purpose Data
Memory table. All of these I/O ports can be used for input and output operations. For input operation,
these ports are non-latching, which means the inputs must be ready at the T2 rising edge of instruction
²MOV A,[m]², where m denotes the port address. For output operation, all the data is latched and
remains unchanged until the output latch is rewritten.
Register
Name
Bit
76543210
PAWU
D7
D6
D5
D4
D3
D2
D1
D0
PAPU
D7
D6
D5
D4
D3
D2
D1
D0
PA
D7
D6
D5
D4
D3
D2
D1
D0
PAC
D7
D6
D5
D4
D3
D2
D1
D0
PBPU
¾
D6
D5
D4
D3
D2
D1
D0
PB
¾
D6
D5
D4
D3
D2
D1
D0
PBC
¾
D6
D5
D4
D3
D2
D1
D0
PCPU
¾
D6
D5
D4
D3
D2
D1
D0
PC
¾
D6
D5
D4
D3
D2
D1
D0
PCC
¾
D6
D5
D4
D3
D2
D1
D0
Pull-high Resistors
Many product applications require pull-high resistors for their switch inputs usually requiring the use of
an external resistor. To eliminate the need for these external resistors, when configured as an input have
the capability of being connected to an internal pull-high resistor. These pull-high resistors are selectable
via a register known as PAPU, PBPU and PCPU located in the Data Memory. The pull-high resistors are
implemented using weak PMOS transistors.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
57
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com