Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 233 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 233 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 229Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 230Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 231Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 232Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 233Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 236Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 237Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
232
March 06 , 2012
Rev. 1.50
233
March 06 , 2012
Rotate Data Memory left with result in ACC
The contents of the specified Data Memory are rotated left by 1 bit with bit 7
rotated into bit 0. The rotated result is stored in the Accumulator and the contents
of the Data Memory remain unchanged.
ACC.(i+1) ← [m].i; (i = 0~6)
ACC.0 ← [m].7
None
Rotate Data Memory left through Carry
The contents of the specified Data Memory and the carry flag are rotated left by 1
bit. Bit 7 replaces the Carry bit and the original carry flag is rotated into bit 0.
[m].(i+1) ← [m].i; (i = 0~6)
[m].0 ← C
C ← [m].7
C
Rotate Data Memory left through Carry with result in ACC
Data in the specified Data Memory and the carry flag are rotated left by 1 bit. Bit
7 replaces the Carry bit and the original carry flag is rotated into the bit 0. The
rotated result is stored in the Accumulator and the contents of the Data Memory
remain unchanged.
ACC.(i+1) ← [m].i; (i = 0~6)
ACC.0 ← C
C ← [m].7
C
Rotate Data Memory right
The contents of the specified Data Memory are rotated right by 1 bit with bit 0
rotated into bit 7.
[m].i ← [m].(i+1); (i = 0~6)
[m].7 ← [m].0
None
Rotate Data Memory right with result in ACC
Data in the specified Data Memory and the carry flag are rotated right by 1 bit
with bit 0 rotated into bit 7. The rotated result is stored in the Accumulator and the
contents of the Data Memory remain unchanged.
ACC.i ← [m].(i+1); (i = 0~6)
ACC.7 ← [m].0
None
Rotate Data Memory right through Carry
The contents of the specified Data Memory and the carry flag are rotated right by
1 bit. Bit 0 replaces the Carry bit and the original carry flag is rotated into bit 7.
[m].i ← [m].(i+1); (i = 0~6)
[m].7 ← C
C ← [m].0
C
RLA [m]
Description
Operation
Affected flag(s)
RLC [m]
Description
Operation
Affected flag(s)
RLCA [m]
Description
Operation
Affected flag(s)
RR [m]
Description
Operation
Affected flag(s)
RRA [m]
Description
Operation
Affected flag(s)
RRC [m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com