Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 235 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 235 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 231Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 232Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 233Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 236Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 237Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 238Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 239Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
234
March 06 , 2012
Rev. 1.50
235
March 06 , 2012
Set Data Memory
Each bit of the specified Data Memory is set to 1.
[m] ← FFH
None
Set bit of Data Memory
Bit i of the specified Data Memory is set to 1.
[m].1 ← 1
None
Skip if increment Data Memory is 0
The contents of the specified Data Memory are first incremented by 1. If the result
is 0, the following instruction is skipped. As this requires the insertion of a dummy
instruction while the next instruction is fetched, it is a two cycle instruction. If the
result is not 0 the program proceeds with the following instruction.
[m] ← [m] + 1
Skip if [m] = 0
None
Skip if increment Data Memory is zero with result in ACC
The contents of the specified Data Memory are first incremented by 1. If the result
is 0, the following instruction is skipped. The result is stored in the Accumulator
but the specified Data Memory contents remain unchanged. As this requires the
insertion of a dummy instruction while the next instruction is fetched, it is a two
cycle instruction. If the result is not 0 the program proceeds with the following
instruction.
ACC ← [m] + 1
Skip if ACC = 0
None
Skip if bit i of Data Memory is not 0
If bit i of the specified Data Memory is not 0, the following instruction is skipped.
As this requires the insertion of a dummy instruction while the next instruction is
fetched, it is a two cycle instruction. If the result is 0 the program proceeds with
the following instruction.
Skip if [m].i ≠ 0
None
Subtract Data Memory from ACC
The specified Data Memory is subtracted from the contents of the Accumulator.
The result is stored in the Accumulator. Note that if the result of subtraction is
negative, the C flag will be cleared to 0, otherwise if the result is positive or zero,
the C flag will be set to 1.
ACC ← ACC − [m]
OV, Z, AC, C
SET [m]
Description
Operation
Affected flag(s)
SET [m].i
Description
Operation
Affected flag(s)
SIZ [m]
Description
Operation
Affected flag(s)
SIZA [m]
Description
Operation
Affected flag(s)
SNZ [m].i
Description
Operation
Affected flag(s)
SUB A,[m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com