Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 237 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 237 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 233Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 236Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 237Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 238Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 239Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 240Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 241Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
236
March 06 , 2012
Rev. 1.50
237
March 06 , 2012
Skip if bit i of Data Memory is 0
If bit i of the specified Data Memory is 0, the following instruction is skipped. As
this requires the insertion of a dummy instruction while the next instruction is
fetched, it is a two cycle instruction. If the result is not 0, the program proceeds
with the following instruction.
Skip if [m].i = 0
None
Read table (current page) to TBLH and Data Memory
The low byte of the program code (current page) addressed by the table pointer
(TBLP) is moved to the specified Data Memory and the high byte moved to TBLH.
[m] ← program code (low byte)
TBLH ← program code (high byte)
None
Read table (last page) to TBLH and Data Memory
The low byte of the program code (last page) addressed by the table pointer (TBLP)
is moved to the specified Data Memory and the high byte moved to TBLH.
[m] ← program code (low byte)
TBLH ← program code (high byte)
None
Logical XOR Data Memory to ACC
Data in the Accumulator and the specified Data Memory perform a bitwise logical
XOR operation. The result is stored in the Accumulator.
ACC ← ACC "XOR" [m]
Z
Logical XOR ACC to Data Memory
Data in the specified Data Memory and the Accumulator perform a bitwise logical
XOR operation. The result is stored in the Data Memory.
[m] ← ACC "XOR" [m]
Z
Logical XOR immediate data to ACC
Data in the Accumulator and the specified immediate data perform a bitwise
logical XOR operation. The result is stored in the Accumulator.
ACC ← ACC "XOR" x
Z
SZ [m].i
Description
Operation
Affected flag(s)
TABRDC [m]
Description
Operation
Affected flag(s)
TABRDL [m]
Description
Operation
Affected flag(s)
XOR A,[m]
Description
Operation
Affected flag(s)
XORM A,[m]
Description
Operation
Affected flag(s)
XOR A,x
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com