Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 240 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 240 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 236Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 237Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 238Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 239Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 240Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 241Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 242Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 240 / 242 page
background image
Rev. 1.50
240
March 06 , 2012
Rev. 1.50
241
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
80-pin LQFP (10mmx10mm) Outline Dimensions
LQFP Outline Dimensions
80-pin LQFP (10mm´10mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.469
¾
0.476
B
0.390
¾
0.398
C
0.469
¾
0.476
D
0.390
¾
0.398
E
¾
0.016
¾
F
¾
0.006
¾
G
0.053
¾
0.057
H
¾¾
0.063
I
¾
0.004
¾
J
0.018
¾
0.030
K
0.004
¾
0.008
a
0°¾
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
11.90
¾
12.10
B
9.90
¾
10.10
C
11.90
¾
12.10
D
9.90
¾
10.10
E
¾
0.40
¾
F
¾
0.16
¾
G
1.35
¾
1.45
H
¾¾
1.60
I
¾
0.10
¾
J
0.45
¾
0.75
K
0.10
¾
0.20
a
0°¾
7°
Package Information
1
April 1, 2010
6
0
6
1
4
1
4
0
8
0
1
2
0
2
1
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.469
―
0.476
B
0.390
―
0.398
C
0.469
―
0.476
D
0.390
―
0.398
E
―
0.016
―
F
―
0.006
―
G
0.053
―
0.057
H
―
―
0.063
I
―
0.004
―
J
0.018
―
0.030
K
0.004
―
0.008
α
0°
―
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
11.90
―
12.10
B
9.90
―
10.10
C
11.90
―
12.10
D
9.90
―
10.10
E
―
0.40
―
F
―
0.16
―
G
1.35
―
1.45
H
―
―
1.60
I
―
0.10
―
J
0.45
―
0.75
K
0.10
―
0.20
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com