Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83B60 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT83B60 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
Rev. 1.00
4
De�e��e� 1�� �011
Rev. 1.00
5
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
Features
• Operatingvoltage:2.2V~5.5V
• Systemclock:4MHz~12MHz
• Threeoscillators:
♦
ExternalCrystal-HXT
♦
ExternalRC-ERC
♦
InternalRC-HIRC
• FullyintegratedinternalHIRC4MHz,8MHzand12MHzoscillatorsrequirenoexternal
components
• Upto15I/Opins
• SerialInterfaceModule-SIMforSPIorI2C,sharedwithPB
• MaskROM:2Kx16
• DataMemory:208x8
• VoiceROM:8Mbits
• Two8-bitprogrammabletimercounterwith8-stageprescalerandonetimebasecounter
• 12-bithighqualityvoltagetypeD/Aoutput
• PWMcircuitcandirectlydrivespeaker
• WatchdogTimerfunction
• 8-levelsubroutinenesting
• 2.7VLowvoltagedetection,tolerance5%
• 2.2VLowvoltagereset,tolerance5%
• Power-downfunctionandwake-upfunctionsreducepowerconsumption
• 63powerfulinstructions
• 28-pinSOPpackage
General Description
TheHT83B60istheMaskversionoftheHT83F02butalsoincludesanintegrated8MbitsofVoice
ROM,connectedtotheMCUbyaninternalSPISerialInterface.This8-bithighperformance
microcontrollerincludesawiderangeoffunctionsandspecialaudiofeatureswhichincludeavoice
synthesizerandtonegenerator.
ThisdeviceisdesignedforapplicationswhichrequiremultipleI/Osandsoundeffects,suchas
voiceandmelody.Italsoincludesanintegratedhighquality,voltagetypeDACaswellasaPWM
generator.
Thisdevicewillformanexcellentsolutionforversatilevoiceandsoundeffectproductapplications
withtheirefficientMCUinstructionsprovidingtheuserwithprogrammingcapabilityforpowerful
customapplications.Thesystemfrequencycanbeupto12MHzatanoperatingvoltageof5Vand
includespower-downfunctionstoreducepowerconsumption.Afullchoiceofoscillatorfunctions
areprovidedincludingafullyintegratedsystemoscillatorwhichrequiresnoexternalcomponents
foritsimplementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com