Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83B60 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 36Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 37Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 38Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 39Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 40Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 41Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 42Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 43Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
Rev. 1.00
40
De�e��e� 1�� �011
Rev. 1.00
41
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
I2C Interface
TheI2Cbusisabidirectional2-linecommunicationinterfaceoriginallydevelopedbyPhilips.
Thepossibilityoftransmittingandreceivingdataononly2linesoffersmanynewapplication
possibilitiesformicrocontrollerbasedapplications.
I2C Interface Operation
AstheI2Cinterfacepinsarepin-sharedwithsegmentpinsandwiththeSPIfunctionpins,theI2C
interfacemustfirstbeenabledbyselectingthecorrectconfigurationoption.
TherearetwolinesassociatedwiththeI2Cbus,thefirstisknownasSDAandistheSerialDataline,
thesecondisknownasSCLlineandistheSerialClockline.Asmanydevicesmaybeconnected
togetheronthesamebus,theiroutputsarebothopendraintypes.Forthisreasonitisnecessarythat
externalpull-highresistorsareconnectedtotheseoutputs.Notethatnochipselectlineexists,as
eachdeviceontheI2Cbusisidentifiedbyauniqueaddresswhichwillbetransmittedandreceived
ontheI2Cbus.
WhentwodevicescommunicatewitheachotheronthebidirectionalI2Cbus,oneisknownasthe
masterdeviceandoneastheslavedevice.Bothmasterandslavecantransmitandreceivedata,
however,itisthemasterdevicethathasoverallcontrolofthebus.Forthisdevice,whichonly
operatesinslavemode,therearetwomethodsoftransferringdataontheI2Cbus,theslavetransmit
modeandtheslavereceivemode.
I2C Registers
TherearethreecontrolregistersassociatedwiththeI2Cbus,SIMC0A/B,SIMC1A/BandSIMARA/
Bandonedataregister,SIMDRA/B.
TheSIMDRA/BregisterisusedtostorethedatabeingtransmittedandreceivedontheI2Cbus.
BeforethemicrocontrollerwritesdatatotheI2Cbus,theactualdatatobetransmittedmustbe
placedintheSIMDRA/Bregister.AfterthedataisreceivedfromtheI2Cbus,themicrocontroller
canreaditfromtheSIMDRA/Bregister.AnytransmissionofdatatotheI2Cbusorreceptionofdata
fromtheI2CbusmustbemadeviatheSIMDRA/Bregister.
TheSIMARA/Bregisteristhelocationwheretheslaveaddressofthemicrocontrollerisstored.Bits
1~7oftheSIMARA/Bregisterdefinethemicrocontrollerslaveaddress.Bit0isnotdefined.When
amasterdevice,whichisconnectedtotheI2Cbus,sendsoutanaddress,whichmatchestheslave
addressintheSIMARA/Bregister,themicrocontrollerslavedevicewillbeselected.
NotethattheSIMARA/BregisteristhesameregisterasSIMC2A/BwhichisusedbytheSPI
interface.
TheSIMC0A/BregisterisusedfortheI2Coverallon/offcontrol.
SI MA RA/ B Re gi st er
b7
No t i mp le me nt ed, r ead as " 0"
I 2 C dev ic e sl av e addr es s
b0
SA5 A/ B
SA 4A /B
SA6 A/ B
SA 0A /B
SA3 A/ B
SA2 A/ B
SA1 A/ B
Slave Address Register - SIMARA/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com