Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83B60 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 29Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 30Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 31Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 32Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 33Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 34Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 35Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 36Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
Rev. 1.00
3�
De�e��e� 1�� �011
Rev. 1.00
33
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
Time Base
TheTimeBasefunctionwillgeneratearegularinterruptsignalsynchronisedtothesystemclock
whichcanbeusedbytheapplicationasatimebasesignal.
Time Base Operation
TheTimeBaseoperationisaverysimplefunctionforthegenerationofaregulartimesignal.This
isimplementedbygeneratingaregularinterruptsignalwhoseenable/disabledandrequestflagsare
intheINTCregister.TheclocksourceforthetimebaseistheinternalfSYS/4clocksource,which
isthendividedinternallybyavalueof1024.Itisthisdividedsignalthatgeneratestheinternal
interrupt.TheTimeBaseInterruptisenabledbytheETBIbitintheINTCregisterandinterrupt
requestflagistheTBFflaginthesameregister.Atimebaseof1mswillthereforbegeneratedfrom
asystemclockof4MHzandatimebaseof0.5mswillbegeneratedfromasystemclocksourceof
8MHz.
¸ 1024
S yst em C lo ck/ 4
Ov er fl ow
to I nt er ru pt
Time Base Example
Thefollowingexampleprogramsectionisbasedonthedevice.TheprogramshowshowtheTime
Baseregistersaresetupalongwithhowtheinterruptsareenabledandmanaged.Thepointstonote
intheexamplearehowtheTimeBaseisturnedonbysettingbit4oftheINTCregister.TheTime
Basecanbeturnedoffinasimilarwaybyclearingthesamebit.Thisexampleprogramsetsthe
TimeBasewhichusestheinternalsystemclockastheirclocksource,andproducesatimebase
interruptevery0.5msfromasystemsourceclockof8MHz.
#include HT83B60.inc
jmp
begin
:
org 04h
; time base vector
jmp time_base_int;jumpherewhentimebaseoverflowsper0.5ms
org 08h
reti
org 0Ch
reti
org 10h
reti
org 14h
reti
:
; time base interrupt routine
time_base_int:
:
; time base main program placed here
:
reti
:
begin:
; setup interrupt register
mov
a,03h
; enable global and time base interrupt
mov
intc,a
; enable time base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com