Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83B60 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
Rev. 1.00
�4
De�e��e� 1�� �011
Rev. 1.00
�5
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
STATUS Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
TO
PDF
OV
Z
AC
C
R/W
—
—
R
R
R/W
R/W
R/W
R/W
POR
—
—
0
0
x
x
x
x
“X” unknown
Bit7,6
Unimplemented,readas"0"
Bit5
TO:WatchdogTime-Outflag
0:Afterpoweruporexecutingthe"CLRWDT"or"HALT"instruction
1:Awatchdogtime-outoccurred.
Bit4
PDF:Powerdownflag
0:Afterpoweruporexecutingthe"CLRWDT"instruction
1:Byexecutingthe"HALT"instruction
Bit3
OV:Overflowflag
0:nooverflow
1:anoperationresultsinacarryintothehighest-orderbitbutnotacarryoutofthe
highest-orderbitorviceversa.
Bit2
Z:Zeroflag
0:Theresultofanarithmeticorlogicaloperationisnotzero
1:Theresultofanarithmeticorlogicaloperationiszero
Bit1
AC:Auxiliaryflag
0:noauxiliarycarry
1:anoperationresultsinacarryoutofthelownibblesinaddition,ornoborrow
fromthehighnibbleintothelownibbleinsubtraction
Bit0
C:Carryflag
0:nocarry-out
1:anoperationresultsinacarryduringanadditionoperationorifaborrowdoesnot
takeplaceduringasubtractionoperation
Cisalsoaffectedbyarotatethroughcarryinstruction.
Interrupt Control Register - INTC, INTCH
Two8-bitregister,knownastheINTCandINTCHregisters,controlstheoperationofbothexternal
andinternaltimerinterrupts.Bysettingvariousbitswithintheseregistersusingstandardbit
manipulationinstructions,theenable/disablefunctionoftheexternalandtimerinterruptscanbe
independentlycontrolled.Amasterinterruptbitwithinthisregister,theEMIbit,actslikeaglobal
enable/disableandisusedtosetalloftheinterruptenablebitsonoroff.Thisbitisclearedwhenan
interruptroutineisenteredtodisablefurtherinterruptandissetbyexecutingthe"RETI"instruction.
Note:Insituationswhereotherinterruptsmayrequireservicingwithinpresentinterruptservice
routines,theEMIbitcanbemanuallysetbytheprogramafterthepresentinterruptservice
routinehasbeenentered.
Timer Registers
Alldevicescontaintwo8-bitTimerswhoseassociatedregistersareknownasTMR0andTMR1
whichisthelocationwheretheassociatedtimer's8-bitvalueislocated.Theirassociatedcontrol
registers,knownasTMR0CandTMR1C,containthesetupinformationforthesetimers.
Notethatalltimerregisterscanbedirectlywrittentoinordertopreloadtheircontentswithfixed
datatoallowdifferenttimeintervalstobesetup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com