Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 73Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 74Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 75Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 76Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 77Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 78Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 79Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 80Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 77 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
4.1
I/O Register Addresses (Address Order)
Table 4.1
List of I/O Registers (Address Order) (1/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK
0008 0000h
SYSTEM
Mode monitor register
MDMONR
16
16
3 ICLK
0008 0002h
SYSTEM
Mode status register
MDSR
16
16
3 ICLK
0008 0006h
SYSTEM
System control register 0
SYSCR0
16
16
3 ICLK
0008 0008h
SYSTEM
System control register 1
SYSCR1
16
16
3 ICLK
0008 000Ch
SYSTEM
Standby control register
SBYCR
16
16
3 ICLK
0008 0010h
SYSTEM
Module stop control register A
MSTPCRA
32
32
3 ICLK
0008 0014h
SYSTEM
Module stop control register B
MSTPCRB
32
32
3 ICLK
0008 0018h
SYSTEM
Module stop control register C
MSTPCRC
32
32
3 ICLK
0008 0020h
SYSTEM
System clock control register
SCKCR
32
32
3 ICLK
0008 0024h
SYSTEM
System clock control register 2
SCKCR2
16
16
3 ICLK
0008 0026h
SYSTEM
System clock control register 3
SCKCR3
16
16
3 ICLK
0008 0028h
SYSTEM
PLL control register
PLLCR
16
16
3 ICLK
0008 002Ah
SYSTEM
PLL control register 2
PLLCR2
8
8
3 ICLK
0008 0030h
SYSTEM
External bus clock control register
BCKCR
8
8
3 ICLK
0008 0032h
SYSTEM
Main clock oscillator control register
MOSCCR
8
8
3 ICLK
0008 0033h
SYSTEM
Sub-clock oscillator control register
SOSCCR
8
8
3 ICLK
0008 0034h
SYSTEM
Low-speed on-chip oscillator control register
LOCOCR
8
8
3 ICLK
0008 0035h
SYSTEM
IWDT-dedicated on-chip oscillator control
register
ILOCOCR
8
8
3 ICLK
0008 0036h
SYSTEM
High-speed on-chip oscillator control register
HOCOCR
8
8
3 ICLK
0008 0040h
SYSTEM
Oscillation stop detect control register
OSTDCR
8
8
3 ICLK
0008 0041h
SYSTEM
Oscillation stop detection status register
OSTDSR
8
8
3 ICLK
0008 00A0h
SYSTEM
Operating power control register
OPCCR
8
8
3 ICLK
0008 00A1h
SYSTEM
Sleep mode recovery clock source switching
register
RSTCKCR
8
8
3 ICLK
0008 00A2h
SYSTEM
Main clock oscillator wait control register
MOSCWTCR
8
8
3 ICLK
0008 00A3h
SYSTEM
Sub-clock oscillator wait control register
SOSCWTCR
8
8
3 ICLK
0008 00A6h
SYSTEM
PLL wait control register
PLLWTCR
8
8
3 ICLK
0008 00C0h
SYSTEM
Reset status register 2
RSTSR2
8
8
3 ICLK
0008 00C2h
SYSTEM
Software reset register
SWRR
16
16
3 ICLK
0008 00E0h
SYSTEM
Voltage monitoring 1 circuit control register 1
LVD1CR1
8
8
3 ICLK
0008 00E1h
SYSTEM
Voltage monitoring 1 circuit status register
LVD1SR
8
8
3 ICLK
0008 00E2h
SYSTEM
Voltage monitoring 2 circuit control register 1
LVD2CR1
8
8
3 ICLK
0008 00E3h
SYSTEM
Voltage monitoring 2 circuit status register
LVD2SR
8
8
3 ICLK
0008 03FEh
SYSTEM
Protection register
PRCR
16
16
3 ICLK
0008 1300h
BSC
Bus error status clear register
BERCLR
8
8
2 ICLK
0008 1304h
BSC
Bus error monitoring enable register
BEREN
8
8
2 ICLK
0008 1308h
BSC
Bus error status register 1
BERSR1
8
8
2 ICLK
0008 130Ah
BSC
Bus error status register 2
BERSR2
16
16
2 ICLK
0008 1310h
BSC
Bus priority control register
BUSPRI
16
16
2 ICLK
0008 2000h
DMAC0
DMA source address register
DMSAR
32
32
2 ICLK
0008 2004h
DMAC0
DMA source address register
DMDAR
32
32
2 ICLK
0008 2008h
DMAC0
DMA transfer count register
DMCRA
32
32
2 ICLK
0008 200Ch
DMAC0
DMA block transfer count register
DMCRB
16
16
2 ICLK
0008 2010h
DMAC0
DMA transfer mode register
DMTMD
16
16
2 ICLK
0008 2013h
DMAC0
DMA interrupt setting register
DMINT
8
8
2 ICLK
0008 2014h
DMAC0
DMA address mode register
DMAMD
16
16
2 ICLK
0008 2018h
DMAC0
DMA offset register
DMOFR
32
32
2 ICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com