Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 85Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 86Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 87Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 88Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 89Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 90Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 89 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 8012h
CMT2
Compare match timer control register
CMCR
16
16
2, 3 PCLKB
2 ICLK
0008 8014h
CMT2
Compare match timer counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8016h
CMT2
Compare match timer constant register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
0008 8018h
CMT3
Compare match timer control register
CMCR
16
16
2, 3 PCLKB
2 ICLK
0008 801Ah
CMT3
Compare match timer counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
0008 801Ch
CMT3
Compare match timer constant register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
0008 8020h
WDT
WDT refresh register
WDTRR
8
8
2, 3 PCLKB
2 ICLK
0008 8022h
WDT
WDT control register
WDTCR
16
16
2, 3 PCLKB
2 ICLK
0008 8024h
WDT
WDT status register
WDTSR
16
16
2, 3 PCLKB
2 ICLK
0008 8026h
WDT
WDT reset control register
WDTRCR
8
8
2, 3 PCLKB
2 ICLK
0008 8030h
IWDT
IWDT refresh register
IWDTRR
8
8
2, 3 PCLKB
2 ICLK
0008 8032h
IWDT
IWDT control register
IWDTCR
16
16
2, 3 PCLKB
2 ICLK
0008 8034h
IWDT
IWDT status register
IWDTSR
16
16
2, 3 PCLKB
2 ICLK
0008 8036h
IWDT
IWDT reset control register
IWDTRCR
8
8
2, 3 PCLKB
2 ICLK
0008 8038h
IWDT
IWDT count stop control register
IWDTCSTPR
8
8
2, 3 PCLKB
2 ICLK
0008 80C0h
DA
D/A data register 0
DADR0
16
16
2, 3 PCLKB
2 ICLK
0008 80C2h
DA
D/A data register 1
DADR1
16
16
2, 3 PCLKB
2 ICLK
0008 80C4h
DA
D/A control register
DACR
8
8
2, 3 PCLKB
2 ICLK
0008 80C5h
DA
DADRm format select register
DADPR
8
8
2, 3 PCLKB
2 ICLK
0008 80C6h
DA
D/A A/D synchronous start control register
DAADSCR
8
8
2, 3 PCLKB
2 ICLK
0008 8100h
TPUA
Timer start register
TSTR
8
8
2, 3 PCLKB
2 ICLK
0008 8101h
TPUA
Timer synchronous register
TSYR
8
8
2, 3 PCLKB
2 ICLK
0008 8108h
TPU0
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 8109h
TPU1
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 810Ah
TPU2
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 810Bh
TPU3
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 810Ch
TPU4
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 810Dh
TPU5
Noise filter control register
NFCR
8
8
2, 3 PCLKB
2 ICLK
0008 8110h
TPU0
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8111h
TPU0
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8112h
TPU0
Timer I/O control register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
0008 8113h
TPU0
Timer I/O control register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
0008 8114h
TPU0
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8115h
TPU0
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8116h
TPU0
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8118h
TPU0
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 811Ah
TPU0
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 811Ch
TPU0
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
0008 811Eh
TPU0
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 8120h
TPU1
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8121h
TPU1
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8122h
TPU1
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8124h
TPU1
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8125h
TPU1
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8126h
TPU1
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8128h
TPU1
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 812Ah
TPU1
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8130h
TPU2
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8131h
TPU2
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8132h
TPU2
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (13/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com