Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 87Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 88Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 89Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 90Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 93Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 91 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 818Eh
TPU6
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 8190h
TPU7
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8191h
TPU7
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8192h
TPU7
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8194h
TPU7
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8195h
TPU7
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8196h
TPU7
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8198h
TPU7
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 819Ah
TPU7
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 81A0h
TPU8
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 81A1h
TPU8
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 81A2h
TPU8
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 81A4h
TPU8
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 81A5h
TPU8
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 81A6h
TPU8
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 81A8h
TPU8
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 81AAh
TPU8
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 81B0h
TPU9
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 81B1h
TPU9
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 81B2h
TPU9
Timer I/O control register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
0008 81B3h
TPU9
Timer I/O control register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
0008 81B4h
TPU9
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 81B5h
TPU9
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 81B6h
TPU9
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 81B8h
TPU9
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 81BAh
TPU9
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 81BCh
TPU9
Timer general register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
0008 81BEh
TPU9
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 81C0h
TPU10
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 81C1h
TPU10
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 81C2h
TPU10
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 81C4h
TPU10
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 81C5h
TPU10
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 81C6h
TPU10
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 81C8h
TPU10
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 81CAh
TPU10
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 81D0h
TPU11
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 81D1h
TPU11
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 81D2h
TPU11
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 81D4h
TPU11
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 81D5h
TPU11
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 81D6h
TPU11
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 81D8h
TPU11
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 81DAh
TPU11
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 81E6h
PPG0
PPG output control register
PCR
8
8
2, 3 PCLKB
2 ICLK
0008 81E7h
PPG0
PPG output mode register
PMR
8
8
2, 3 PCLKB
2 ICLK
0008 81E8h
PPG0
Next data enable register H
NDERH
8
8
2, 3 PCLKB
2 ICLK
0008 81E9h
PPG0
Next data enable register L
NDERL
8
8
2, 3 PCLKB
2 ICLK
0008 81EAh
PPG0
Output data register H
PODRH
8
8
2, 3 PCLKB
2 ICLK
0008 81EBh
PPG0
Output data register L
PODRL
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (15/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com