Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 74Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 75Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 76Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 77Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 78Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 79Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 80Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 81Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 78 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 201Ch
DMAC0
DMA transfer enable register
DMCNT
8
8
2 ICLK
0008 201Dh
DMAC0
DMA software start register
DMREQ
8
8
2 ICLK
0008 201Eh
DMAC0
DMA status register
DMSTS
8
8
2 ICLK
0008 201Fh
DMAC0
DMA activation source flag control register
DMCSL
8
8
2 ICLK
0008 2040h
DMAC1
DMA source address register
DMSAR
32
32
2 ICLK
0008 2044h
DMAC1
DMA source address register
DMDAR
32
32
2 ICLK
0008 2048h
DMAC1
DMA transfer count register
DMCRA
32
32
2 ICLK
0008 204Ch
DMAC1
DMA block transfer count register
DMCRB
16
16
2 ICLK
0008 2050h
DMAC1
DMA transfer mode register
DMTMD
16
16
2 ICLK
0008 2053h
DMAC1
DMA interrupt setting register
DMINT
8
8
2 ICLK
0008 2054h
DMAC1
DMA address mode register
DMAMD
16
16
2 ICLK
0008 205Ch
DMAC1
DMA transfer enable register
DMCNT
8
8
2 ICLK
0008 205Dh
DMAC1
DMA software start register
DMREQ
8
8
2 ICLK
0008 205Eh
DMAC1
DMA status register
DMSTS
8
8
2 ICLK
0008 205Fh
DMAC1
DMA activation source flag control register
DMCSL
8
8
2 ICLK
0008 2080h
DMAC2
DMA source address register
DMSAR
32
32
2 ICLK
0008 2084h
DMAC2
DMA source address register
DMDAR
32
32
2 ICLK
0008 2088h
DMAC2
DMA transfer count register
DMCRA
32
32
2 ICLK
0008 208Ch
DMAC2
DMA block transfer count register
DMCRB
16
16
2 ICLK
0008 2090h
DMAC2
DMA transfer mode register
DMTMD
16
16
2 ICLK
0008 2093h
DMAC2
DMA interrupt setting register
DMINT
8
8
2 ICLK
0008 2094h
DMAC2
DMA address mode register
DMAMD
16
16
2 ICLK
0008 209Ch
DMAC2
DMA transfer enable register
DMCNT
8
8
2 ICLK
0008 209Dh
DMAC2
DMA software start register
DMREQ
8
8
2 ICLK
0008 209Eh
DMAC2
DMA status register
DMSTS
8
8
2 ICLK
0008 209Fh
DMAC2
DMA activation source flag control register
DMCSL
8
8
2 ICLK
0008 20C0h
DMAC3
DMA source address register
DMSAR
32
32
2 ICLK
0008 20C4h
DMAC3
DMA source address register
DMDAR
32
32
2 ICLK
0008 20C8h
DMAC3
DMA transfer count register
DMCRA
32
32
2 ICLK
0008 20CCh
DMAC3
DMA block transfer count register
DMCRB
16
16
2 ICLK
0008 20D0h
DMAC3
DMA transfer mode register
DMTMD
16
16
2 ICLK
0008 20D3h
DMAC3
DMA interrupt setting register
DMINT
8
8
2 ICLK
0008 20D4h
DMAC3
DMA address mode register
DMAMD
16
16
2 ICLK
0008 20DCh
DMAC3
DMA transfer enable register
DMCNT
8
8
2 ICLK
0008 20DDh
DMAC3
DMA software start register
DMREQ
8
8
2 ICLK
0008 20DEh
DMAC3
DMA status register
DMSTS
8
8
2 ICLK
0008 20DFh
DMAC3
DMA activation source flag control register
DMCSL
8
8
2 ICLK
0008 2200h
DMAC
DMA module activation register
DMAST
8
8
2 ICLK
0008 2400h
DTC
DTC control register
DTCCR
8
8
2 ICLK
0008 2404h
DTC
DTC vector base register
DTCVBR
32
32
2 ICLK
0008 2408h
DTC
DTC address mode register
DTCADMOD
8
8
2 ICLK
0008 240Ch
DTC
DTC module start register
DTCST
8
8
2 ICLK
0008 240Eh
DTC
DTC status register
DTCSTS
16
16
2 ICLK
0008 3002h
BSC
CS0 mode register
CS0MOD
16
16
1, 2 BCLK
0008 3004h
BSC
CS0 wait control register 1
CS0WCR1
32
32
1, 2 BCLK
0008 3008h
BSC
CS0 wait control register 2
CS0WCR2
32
32
1, 2 BCLK
0008 3012h
BSC
CS1 mode register
CS1MOD
16
16
1, 2 BCLK
0008 3014h
BSC
CS1 wait control register 1
CS1WCR1
32
32
1, 2 BCLK
0008 3018h
BSC
CS1 wait control register 2
CS1WCR2
32
32
1, 2 BCLK
0008 3022h
BSC
CS2 mode register
CS2MOD
16
16
1, 2 BCLK
Table 4.1
List of I/O Registers (Address Order) (2/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com