Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 84Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 85Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 86Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 87Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 88Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 89Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 90Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 88 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 73DCh
ICU
Interrupt source priority register 220
IPR220
8
8
2 ICLK
0008 73DFh
ICU
Interrupt source priority register 223
IPR223
8
8
2 ICLK
0008 73E2h
ICU
Interrupt source priority register 226
IPR226
8
8
2 ICLK
0008 73E5h
ICU
Interrupt source priority register 229
IPR229
8
8
2 ICLK
0008 73E8h
ICU
Interrupt source priority register 232
IPR232
8
8
2 ICLK
0008 73EBh
ICU
Interrupt source priority register 235
IPR235
8
8
2 ICLK
0008 73EEh
ICU
Interrupt source priority register 238
IPR238
8
8
2 ICLK
0008 73F1h
ICU
Interrupt source priority register 241
IPR241
8
8
2 ICLK
0008 73F4h
ICU
Interrupt source priority register 244
IPR244
8
8
2 ICLK
0008 73F7h
ICU
Interrupt source priority register 247
IPR247
8
8
2 ICLK
0008 73FAh
ICU
Interrupt source priority register 250
IPR250
8
8
2 ICLK
0008 73FDh
ICU
Interrupt source priority register 253
IPR253
8
8
2 ICLK
0008 7400h
ICU
DMAC activation source select register 0
DMRSR0
8
8
2 ICLK
0008 7404h
ICU
DMAC activation source select register 1
DMRSR1
8
8
2 ICLK
0008 7408h
ICU
DMAC activation source select register 2
DMRSR2
8
8
2 ICLK
0008 740Ch
ICU
DMAC activation source select register 3
DMRSR3
8
8
2 ICLK
0008 7500h
ICU
IRQ control register 0
IRQCR0
8
8
2 ICLK
0008 7501h
ICU
IRQ control register 1
IRQCR1
8
8
2 ICLK
0008 7502h
ICU
IRQ control register 2
IRQCR2
8
8
2 ICLK
0008 7503h
ICU
IRQ control register 3
IRQCR3
8
8
2 ICLK
0008 7504h
ICU
IRQ control register 4
IRQCR4
8
8
2 ICLK
0008 7505h
ICU
IRQ control register 5
IRQCR5
8
8
2 ICLK
0008 7506h
ICU
IRQ control register 6
IRQCR6
8
8
2 ICLK
0008 7507h
ICU
IRQ control register 7
IRQCR7
8
8
2 ICLK
0008 7508h
ICU
IRQ control register 8
IRQCR8
8
8
2 ICLK
0008 7509h
ICU
IRQ control register 9
IRQCR9
8
8
2 ICLK
0008 750Ah
ICU
IRQ control register 10
IRQCR10
8
8
2 ICLK
0008 750Bh
ICU
IRQ control register 11
IRQCR11
8
8
2 ICLK
0008 750Ch
ICU
IRQ control register 12
IRQCR12
8
8
2 ICLK
0008 750Dh
ICU
IRQ control register 13
IRQCR13
8
8
2 ICLK
0008 750Eh
ICU
IRQ control register 14
IRQCR14
8
8
2 ICLK
0008 750Fh
ICU
IRQ control register 15
IRQCR15
8
8
2 ICLK
0008 7510h
ICU
IRQ pin digital filter enable register 0
IRQFLTE0
8
8
2 ICLK
0008 7511h
ICU
IRQ pin digital filter enable register 1
IRQFLTE1
8
8
2 ICLK
0008 7514h
ICU
IRQ pin digital filter enable register 0
IRQFLTC0
16
16
2 ICLK
0008 7516h
ICU
IRQ pin digital filter enable register 1
IRQFLTC1
16
16
2 ICLK
0008 7580h
ICU
Non-maskable interrupt status register
NMISR
8
8
2 ICLK
0008 7581h
ICU
Non-maskable interrupt enable register
NMIER
8
8
2 ICLK
0008 7582h
ICU
Non-maskable interrupt clear register
NMICLR
8
8
2 ICLK
0008 7583h
ICU
NMI pin interrupt control register
NMICR
8
8
2 ICLK
0008 7590h
ICU
NMI pin digital filter enable register
NMIFLTE
8
8
2 ICLK
0008 7594h
ICU
NMI pin digital filter setting register
NMIFLTC
16
16
2 ICLK
0008 8000h
CMT
Compare match timer start register 0
CMSTR0
16
16
2, 3 PCLKB
2 ICLK
0008 8002h
CMT0
Compare match timer control register
CMCR
16
16
2, 3 PCLKB
2 ICLK
0008 8004h
CMT0
Compare match timer counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8006h
CMT0
Compare match timer constant register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
0008 8008h
CMT1
Compare match timer control register
CMCR
16
16
2, 3 PCLKB
2 ICLK
0008 800Ah
CMT1
Compare match timer counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
0008 800Ch
CMT1
Compare match timer constant register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
0008 8010h
CMT
Compare match timer start register 1
CMSTR1
16
16
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (12/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com