Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 93Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 95Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 96Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 97Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 98Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 95 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 83AAh
RSPI1
RSPI bit rate register
SPBR
8
8
2, 3 PCLKB
2 ICLK
0008 83ABh
RSPI1
RSPI data control register
SPDCR
8
8
2, 3 PCLKB
2 ICLK
0008 83ACh
RSPI1
RSPI clock delay register
SPCKD
8
8
2, 3 PCLKB
2 ICLK
0008 83ADh
RSPI1
RSPI slave select negate delay register
SSLND
8
8
2, 3 PCLKB
2 ICLK
0008 83AEh
RSPI1
RSPI next access delay register
SPND
8
8
2, 3 PCLKB
2 ICLK
0008 83AFh
RSPI1
RSPI control register 2
SPCR2
8
8
2, 3 PCLKB
2 ICLK
0008 83B0h
RSPI1
RSPI command register 0
SPCMD0
16
16
2, 3 PCLKB
2 ICLK
0008 83B2h
RSPI1
RSPI command register 1
SPCMD1
16
16
2, 3 PCLKB
2 ICLK
0008 83B4h
RSPI1
RSPI command register 2
SPCMD2
16
16
2, 3 PCLKB
2 ICLK
0008 83B6h
RSPI1
RSPI command register 3
SPCMD3
16
16
2, 3 PCLKB
2 ICLK
0008 83B8h
RSPI1
RSPI command register 4
SPCMD4
16
16
2, 3 PCLKB
2 ICLK
0008 83BAh
RSPI1
RSPI command register 5
SPCMD5
16
16
2, 3 PCLKB
2 ICLK
0008 83BCh
RSPI1
RSPI command register 6
SPCMD6
16
16
2, 3 PCLKB
2 ICLK
0008 83BEh
RSPI1
RSPI command register 7
SPCMD7
16
16
2, 3 PCLKB
2 ICLK
0008 83C0h
RSPI2
RSPI control register
SPCR
8
8
2, 3 PCLKB
2 ICLK
0008 83C1h
RSPI2
RSPI slave select polarity register
SSLP
8
8
2, 3 PCLKB
2 ICLK
0008 83C2h
RSPI2
RSPI pin control register
SPPCR
8
8
2, 3 PCLKB
2 ICLK
0008 83C3h
RSPI2
RSPI status register
SPSR
8
8
2, 3 PCLKB
2 ICLK
0008 83C4h
RSPI2
RSPI data register
SPDR
32
16, 32
2, 3 PCLKB
2 ICLK
0008 83C8h
RSPI2
RSPI sequence control register
SPSCR
8
8
2, 3 PCLKB
2 ICLK
0008 83C9h
RSPI2
RSPI sequence status register
SPSSR
8
8
2, 3 PCLKB
2 ICLK
0008 83CAh
RSPI2
RSPI bit rate register
SPBR
8
8
2, 3 PCLKB
2 ICLK
0008 83CBh
RSPI2
RSPI data control register
SPDCR
8
8
2, 3 PCLKB
2 ICLK
0008 83CCh
RSPI2
RSPI clock delay register
SPCKD
8
8
2, 3 PCLKB
2 ICLK
0008 83CDh
RSPI2
RSPI slave select negate delay register
SSLND
8
8
2, 3 PCLKB
2 ICLK
0008 83CEh
RSPI2
RSPI next access delay register
SPND
8
8
2, 3 PCLKB
2 ICLK
0008 83CFh
RSPI2
RSPI control register 2
SPCR2
8
8
2, 3 PCLKB
2 ICLK
0008 83D0h
RSPI2
RSPI command register 0
SPCMD0
16
16
2, 3 PCLKB
2 ICLK
0008 83D2h
RSPI2
RSPI command register 1
SPCMD1
16
16
2, 3 PCLKB
2 ICLK
0008 83D4h
RSPI2
RSPI command register 2
SPCMD2
16
16
2, 3 PCLKB
2 ICLK
0008 83D6h
RSPI2
RSPI command register 3
SPCMD3
16
16
2, 3 PCLKB
2 ICLK
0008 83D8h
RSPI2
RSPI command register 4
SPCMD4
16
16
2, 3 PCLKB
2 ICLK
0008 83DAh
RSPI2
RSPI command register 5
SPCMD5
16
16
2, 3 PCLKB
2 ICLK
0008 83DCh
RSPI2
RSPI command register 6
SPCMD6
16
16
2, 3 PCLKB
2 ICLK
0008 83DEh
RSPI2
RSPI command register 7
SPCMD7
16
16
2, 3 PCLKB
2 ICLK
0008 8600h
MTU3
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8601h
MTU4
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8602h
MTU3
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8603h
MTU4
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8604h
MTU3
Timer I/O control register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
0008 8605h
MTU3
Timer I/O control register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
0008 8606h
MTU4
Timer I/O control register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
0008 8607h
MTU4
Timer I/O control register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
0008 8608h
MTU3
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8609h
MTU4
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 860Ah
MTU
Timer output master enable register
TOER
8
8
2, 3 PCLKB
2 ICLK
0008 860Dh
MTU
Timer gate control register
TGCR
8
8
2, 3 PCLKB
2 ICLK
0008 860Eh
MTU
Timer output control register 1
TOCR1
8
8
2, 3 PCLKB
2 ICLK
0008 860Fh
MTU
Timer output control register 2
TOCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8610h
MTU3
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (19/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com