Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 159Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 160Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 161Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 162Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 163Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 164Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 165Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 161 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 161 of 168
Sep 13, 2011
RX630 Group
Appendix 1. Package Dimensions
Figure E 144 Pin LQFP (PLQP0144KA-A)
Terminal cross section
b1
bp
1.0
0.125
0.20
1.25
1.25
0.08
0.20
0.145
0.09
0.27
0.22
0.17
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
20.1
20.0
19.9
D
20.1
20.0
19.9
E
1.4
A2
22.2
22.0
21.8
22.2
22.0
21.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
8°
0°
c
0.5
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
P-LQFP144-20x20-0.50
1.2g
MASS[Typ.]
144P6Q-A / FP-144L / FP-144LV
PLQP0144KA-A
RENESAS Code
JEITA Package Code
Previous Code
F
1
36
37
72
73
108
109
144
*1
*3
x
Index mark
y
D
HD
bp
ZD
Detail F
L
L1
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com