Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 2Page - Analog Devices ADM1075 Datasheet HTML 3Page - Analog Devices ADM1075 Datasheet HTML 4Page - Analog Devices ADM1075 Datasheet HTML 5Page - Analog Devices ADM1075 Datasheet HTML 6Page - Analog Devices ADM1075 Datasheet HTML 7Page - Analog Devices ADM1075 Datasheet HTML 8Page - Analog Devices ADM1075 Datasheet HTML 9Page - Analog Devices ADM1075 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADM1075
Data Sheet
Rev. A | Page 6 of 52
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Constant Power Active
9.4
10
11.0
mV
VISET > 1.65 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0.2 V
4.5
5
5.7
mV
VISET > 1.65 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0.4 V
1.4
2
2.6
mV
VISET > 1.65 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 1.2 V
Circuit Breaker Offset, VCBOS
0.6
0.75
0.95
mV
Circuit breaker voltage, VCB = VSENSECL − VCBOS
Severe Overcurrent
Activates high current gate pull-down
Voltage Threshold, VSENSEOC
23
25
27
mV
VISET > 1.65 V; VSS ≥ 2 V; optional select through PMBus
28
30
32
mV
VISET > 1.65 V; VSS ≥ 2 V; default at power-up
38
40
42
mV
VISET > 1.65 V; VSS ≥ 2 V; optional select through PMBus
43
45
47
mV
VISET > 1.65 V; VSS ≥ 2 V; optional select through PMBus
Response Time
Glitch Filter Duration
50
200
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
optional select through PMBus
500
900
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
default at power-up
6.2
10.7
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
optional select through PMBus
44
57
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
optional select through PMBus
Total Response Time
180
300
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
optional select through PMBus
610
950
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
default at power-up
7
13
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
optional select through PMBus
45
60
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 18 mV to 52 mV;
optional select through PMBus
ADM1075-2 ONLY (GAIN = 25)
Hot Swap Sense Voltage
Hot Swap Sense Voltage Current Limit,
VSENSECL
39.2
40
40.8
mV
VISET > 1.65 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0 V
49.2
50
50.8
mV
VISET = 1.25 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0 V
39.2
40
40.8
mV
VISET = 1.0 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0 V
29.2
30
30.8
mV
VISET = 0.75 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0 V
Constant Power Active
19
20
21.9
mV
VISET > 1.65 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0.2 V
9.2
10
11.2
mV
VISET > 1.65 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 0.4 V
3
4
5.0
mV
VISET > 1.65 V; VGATE = 3 V; IGATE = 0 μA; VSS ≥ 2 V; VPLIM = 1.2 V
Circuit Breaker Offset, VCBOS
1.1
1.5
1.9
mV
Circuit breaker voltage, VCB = VSENSECL − VCBOS
Severe Overcurrent
Activates high current gate pull-down
Voltage Threshold, VSENSEOC1
46
50
54
mV
VISET > 1.65 V; VSS ≥ 2 V; optional select through PMBus
56
60
64
mV
VISET > 1.65 V; VSS ≥ 2 V; default at power-up
76
80
84
mV
VISET > 1.65 V; VSS ≥ 2 V; optional select through PMBus
86
90
94
mV
VISET > 1.65 V; VSS ≥ 2 V; optional select through PMBus
Response Time
Glitch Filter Duration
50
200
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
optional select through PMBus
400
900
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
default at power-up
6.2
10.7
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
optional select through PMBus
44
57
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
optional select through PMBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com