Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 6Page - Analog Devices ADM1075 Datasheet HTML 7Page - Analog Devices ADM1075 Datasheet HTML 8Page - Analog Devices ADM1075 Datasheet HTML 9Page - Analog Devices ADM1075 Datasheet HTML 10Page - Analog Devices ADM1075 Datasheet HTML 11Page - Analog Devices ADM1075 Datasheet HTML 12Page - Analog Devices ADM1075 Datasheet HTML 13Page - Analog Devices ADM1075 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADM1075
Data Sheet
Rev. A | Page 10 of 52
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN Pin to VEE
−0.3 V to +14 V
UVL Pin to VEE
−0.3 V to +4 V
UVH Pin to VEE
−0.3 V to +4 V
OV Pin to VEE
−0.3 V to +4 V
ADC_V Pin to VEE
−0.3 V to +4 V
ADC_AUX Pin to VEE
−0.3 V to +4 V
SS Pin to VEE
−0.3 V to (VCAP + 0.3 V)
TIMER Pin to VEE
−0.3 V to (VCAP + 0.3 V)
VCAP Pin to VEE
−0.3 V to +4 V
ISET Pin to VEE
−0.3 V to +4 V
SPLYGD Pin to VEE
−0.3 V to +18 V
LATCH Pin to VEE
−0.3 V to +18 V
RESTART Pin to VEE
−0.3 V to +18 V
SHDN Pin to VEE
−0.3 V to +18 V
PWRGD Pin to VEE
−0.3 V to +18 V
DRAIN Pin to VEE
−0.3 V to (VCAP + 0.3 V)
SCL Pin to VEE
−0.3 V to +6.5 V
SDAI Pin to VEE
−0.3 V to +6.5 V
SDAO Pin to VEE
−0.3 V to +6.5 V
ADR Pin to VEE
−0.3 V to (VCAP + 0.3 V)
GPO1/
ALERT1/CONV Pin to VEE
−0.3 V to +18 V
GPO2/
ALERT2 Pin to VEE
−0.3 V to +18 V
PLIM Pin to VEE
−0.3 V to +4 V
GATE Pin to VEE
−0.3 V to +18 V
SENSE+ Pin to VEE
−0.3 V to +4 V
SENSE− Pin to VEE
−0.3 V to +0.3 V
VEE to VEE_G
−0.3 V to +0.3 V
Continuous Current into Any Pin
±10 mA
Storage Temperature Range
−65°C to +125°C
Operating Junction Temperature
Range
−40°C to +105°C
Lead Temperature, Soldering (10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA1
θJC
Unit
28-Lead TSSOP
68
20
°C/W
28-Lead LFCSP
35
4
°C/W
1 Measured on JEDEC 4-layer board in still air.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com