Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 13Page - Analog Devices ADM1075 Datasheet HTML 14Page - Analog Devices ADM1075 Datasheet HTML 15Page - Analog Devices ADM1075 Datasheet HTML 16Page - Analog Devices ADM1075 Datasheet HTML 17Page - Analog Devices ADM1075 Datasheet HTML 18Page - Analog Devices ADM1075 Datasheet HTML 19Page - Analog Devices ADM1075 Datasheet HTML 20Page - Analog Devices ADM1075 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 17 of 52
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–50 –35 –20
–5
10
25
40
55
70
85
100
115
TEMPERATURE (°C)
ISET = 1.65V
ISET = 1.25V
ISET = 1.0V
ISET = 0.75V
ISET = 0.25V
ISET = 0.125V
Figure 29. Circuit Breaker Offset vs. Temperature, ADM1075-1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–50 –35 –20
–5
10
25
40
55
70
85
100
115
TEMPERATURE (°C)
ISET = 1.65V
ISET = 1.25V
ISET = 1.0V
ISET = 0.75V
ISET = 0.25V
ISET = 0.125V
Figure 30. Circuit Breaker Offset vs. Temperature, ADM1075-2
0
5
10
15
20
25
30
35
40
45
50
–50 –35 –20
–5
10
25
40
55
70
85
100
115
TEMPERATURE (°C)
ADM1075-1
ADM1075-2
Figure 31. VSENSECL vs. Temperature, ISET = 1.65 V
0
5
10
15
20
25
30
35
40
45
50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VPLIM (V)
ADM1075-2 +85°C
ADM1075-2 +25°C
ADM1075-2 –40°C
ADM1075-1 +85°C
ADM1075-1 +25°C
ADM1075-1 –40°C
Figure 32. VSENSECL vs. PLIM
ADM1075-1
ADM1075-2
0
5
10
15
20
25
00.5
1.0
1.5
ISET (V)
Figure 33. Worst-Case Hot Swap VSENSE Accuracy vs. ISET
ADM1075-1
ADM1075-2
0
10
20
30
40
50
60
00.5
1.0
ISET (V)
1.5
Figure 34. Typical Hot Swap VSENSECL vs. ISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com